Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7564 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7564
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7564 Datasheet HTML 1Page - STMicroelectronics TDA7564 Datasheet HTML 2Page - STMicroelectronics TDA7564 Datasheet HTML 3Page - STMicroelectronics TDA7564 Datasheet HTML 4Page - STMicroelectronics TDA7564 Datasheet HTML 5Page - STMicroelectronics TDA7564 Datasheet HTML 6Page - STMicroelectronics TDA7564 Datasheet HTML 7Page - STMicroelectronics TDA7564 Datasheet HTML 8Page - STMicroelectronics TDA7564 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
TDA7564
September 2003
s
DMOS POWER OUTPUT
s
NON-SWITCHING HI-EFFICIENCY
s
HIGH OUTPUT POWER CAPABILITY 4x28W/4
Ω
@ 14.4V, 1KHZ, 10% THD, 4x40W EIAJ
s
MAX. OUTPUT POWER 4x72W/2
Ω
s
FULL I2C BUS DRIVING:
–ST-BY
– INDEPENDENT FRONT/REAR SOFT PLAY/
MUTE
– SELECTABLE GAIN 26dB - 12dB (FOR
LOW NOISE LINE OUTPUT FUNCTION)
– HIGH EFFICIENCY ENABLE/DISABLE
–I2C BUS DIGITAL DIAGNOSTICS
s
FULL FAULT PROTECTION
s
DC OFFSET DETECTION
s
FOUR INDEPENDENT SHORT CIRCUIT
PROTECTION
s
CLIPPING DETECTOR (2% - 10%)
PROTECTION
DESCRIPTION
The TDA7564 is a new BCD technology QUAD
BRIDGE type of car radio amplifier in Flexiwatt25
package specially intended for car radio applica-
tions. Thanks to the DMOS output stage the
TDA7564 has a very low distortion allowing a clear
powerful sound. Among the features, its superior
efficiency performance coming from the internal
exclusive structure, makes it the most suitable de-
vice to simplify the thermal management in high
power sets.The dissipated output power under av-
erage listening condition is in fact reduced up to
50% when compared to the level provided by con-
ventional
class
AB
solutions.This
device
is
equipped with a full diagnostics array that commu-
nicates the status of each speaker through the I2C
bus.The possibility to control the configuration and
behaviour of the device by means of the I2C bus
makes TDA7564 a very flexible machine.
ORDERING NUMBER: TDA7564
FLEXIWATT25
MULTIFUNCTION QUAD POWER AMPLIFIER
WITH BUILT-IN DIAGNOSTICS FEATURES
BLOCK DIAGRAM
I2CBUS
THERMAL
PROTECTION
& DUMP
REFERENCE
CD_OUT
DATA
CLK
OUT RF+
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
CLIP
DETECTOR
MUTE1
MUTE2
12/26dB
VCC2
VCC1
12/26dB
12/26dB
12/26dB
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
SHORT CIRCUIT
PROTECTION &
DIAGNOSTIC
OUT RF-
OUT RR+
OUT RR-
OUT LF+
OUT LF-
OUT LR+
OUT LR-
AC_GND
RF
RR
LF
PW_GND
LR
IN LR
S_GND
TAB
SVR
IN LF
IN RR
IN RF
D00AU1211
MULTIPOWER BCD TECHNOLOGY
MOSFET OUTPUT POWER STAGE


Similar Part No. - TDA7564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564BH STMICROELECTRONICS-TDA7564BH Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7564BH STMICROELECTRONICS-TDA7564BH Datasheet
400Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
17-Sep-2013
TDA7564BPD STMICROELECTRONICS-TDA7564BPD Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
More results

Similar Description - TDA7564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
01-Feb-2011
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
4 x 40 W multifunction quad power amplifier with built-in diagnostics features
11-Oct-2010
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
4 x 46 W multifunction quad power amplifier with built-in diagnostics features
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com