Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS40L45C
Description  Low drop power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40L45C Datasheet HTML 1Page - STMicroelectronics STPS40L45C Datasheet HTML 2Page - STMicroelectronics STPS40L45C Datasheet HTML 3Page - STMicroelectronics STPS40L45C Datasheet HTML 4Page - STMicroelectronics STPS40L45C Datasheet HTML 5Page - STMicroelectronics STPS40L45C Datasheet HTML 6Page - STMicroelectronics STPS40L45C Datasheet HTML 7Page - STMicroelectronics STPS40L45C Datasheet HTML 8Page - STMicroelectronics STPS40L45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID6857 Rev 5
3/11
STPS40L45C
Characteristics
11
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
= 0.5, per diode)
0
2
4
6
8
1012 1416 18202224
0
2
4
6
8
10
12
14
16
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
22
Tamb(°C)
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Figure 3. Normalized avalanche power derating
versus pulse duration
Figure 4. Normalized avalanche power derating
versus junction temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5. Non repetitive surge peak forward
current versus overload duration (maximum
values, per diode)
Figure 6. Relative variation of thermal
impedance junction to case versus pulse
duration
1E-3
1E-2
1E-1
1E+0
0
25
50
75
100
125
150
175
200
225
250
t(s)
IM(A)
Tc=25°C
Tc=125°C
Tc=75°C
IM
t
δ=0.5
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com