Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40L45C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS40L45C
Description  Low drop power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40L45C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS40L45C Datasheet HTML 1Page - STMicroelectronics STPS40L45C Datasheet HTML 2Page - STMicroelectronics STPS40L45C Datasheet HTML 3Page - STMicroelectronics STPS40L45C Datasheet HTML 4Page - STMicroelectronics STPS40L45C Datasheet HTML 5Page - STMicroelectronics STPS40L45C Datasheet HTML 6Page - STMicroelectronics STPS40L45C Datasheet HTML 7Page - STMicroelectronics STPS40L45C Datasheet HTML 8Page - STMicroelectronics STPS40L45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS40L45C
4/11
DocID6857 Rev 5
Figure 7. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 8. Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
5
10
15
20
25
30
35
40
45
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
VR(V)
IR(mA)
Tj=125°C
Tj=75°C
Tj=25°C
Tj=150°C
1
10
100
0.1
1.0
10.0
C(nF)
F=1MHz
Tj=25°C
VR(V)
Figure 9. Forward voltage drop versus forward
current (maximum values, per diode)
Figure 10. Thermal resistance junction to
ambient versus copper surface under tab
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
1000
VFM(V)
IFM(A)
Typical values
Tj=150°C
Tj=125°C
Tj=75°C
Tj=25°C
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
Rth(j-a) (°C/W)
S(Cu) (cm²)
Epoxy printed circuit board FR4,
copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com