Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045C Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS3045C
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS3045C Datasheet HTML 5Page - STMicroelectronics STPS3045C Datasheet HTML 6Page - STMicroelectronics STPS3045C Datasheet HTML 7Page - STMicroelectronics STPS3045C Datasheet HTML 8Page - STMicroelectronics STPS3045C Datasheet HTML 9Page - STMicroelectronics STPS3045C Datasheet HTML 10Page - STMicroelectronics STPS3045C Datasheet HTML 11Page - STMicroelectronics STPS3045C Datasheet HTML 12Page - STMicroelectronics STPS3045C Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STPS3045C
12/13
DocID3510 Rev 9
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS3045CT
STPS3045CT
TO-220AB
1.9 g
50
Tube
STPS3045CG
STPS3045CG
D²PAK
1.38 g
50
Tube
STPS3045CG-TR
STPS3045CG
1000
Tape and reel
STPS3045CW
STPS3045CW
TO-247
4.46 g
30
Tube
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Jul-2003
6E
Last update.
06-Nov-2012
7
Removed SOT-93 and TOP-3I packages. Table 2: Operating range (Tj)
extension from -40 to +175° C, IF(AV) per diode updated to 15 A.
Updated “Total” values in Table 3. Updated tables in Section 2:
Package information.
04-Apr-2013
8
Added value for maximum Tj in forward mode. Updated Table 9.
02-Aug-2016
9
Updated D²PAK package information. Removed I²PAK and
TO-220FPAB package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com