Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3045C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3045C
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3045C Datasheet HTML 1Page - STMicroelectronics STPS3045C Datasheet HTML 2Page - STMicroelectronics STPS3045C Datasheet HTML 3Page - STMicroelectronics STPS3045C Datasheet HTML 4Page - STMicroelectronics STPS3045C Datasheet HTML 5Page - STMicroelectronics STPS3045C Datasheet HTML 6Page - STMicroelectronics STPS3045C Datasheet HTML 7Page - STMicroelectronics STPS3045C Datasheet HTML 8Page - STMicroelectronics STPS3045C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STPS3045C
4/13
DocID3510 Rev 9
1.2
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Average forward current versus ambient
temperature (δ = 0.5, per diode)
Figure 3: Normalized avalanche power derating
versus pulse duration (Tj = 125 °C)
Figure 4: Relative variation of thermal impedance
junction to case versus pulse duration
Figure 5: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 6: Reverse leakage current versus reverse
voltage applied (typical values, per diode)
P
(W )
F (AV)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2
4
6
8
10
12
14
16
18
20
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
IF(AV)(A)
I
(A)
F(AV)
0
2
4
6
8
10
12
14
16
18
0
2 5
5 0
7 5
100
125
150
175
Tamb(°C)
T
δ =tp/T
tp
R
= 15°C/W
th(j-a)
R
=
th(j-a)
R th(j-c)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Z
/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
t (s)
p
T
δ = tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
C (nF)
100
1000
10000
1
10
100
VR(V)
F = 1 M H z
V
OSC
= 30 mV
RMS
T = 25 °C
j
1.E -01
1.E +00
1.E +01
1.E +02
1.E +03
1.E +04
1.E +05
0
5
10
15
20
25
30
35
40
45
I (µA)
R
T = 150°C
j
T = 125°C
j
T = 100°C
j
T = 75°C
j
T = 50°C
j
T = 25°C
j
V ( V)
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com