Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3P6F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS3P6F6
Description  Low gate drive power losses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3P6F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS3P6F6 Datasheet HTML 2Page - STMicroelectronics STS3P6F6 Datasheet HTML 3Page - STMicroelectronics STS3P6F6 Datasheet HTML 4Page - STMicroelectronics STS3P6F6 Datasheet HTML 5Page - STMicroelectronics STS3P6F6 Datasheet HTML 6Page - STMicroelectronics STS3P6F6 Datasheet HTML 7Page - STMicroelectronics STS3P6F6 Datasheet HTML 8Page - STMicroelectronics STS3P6F6 Datasheet HTML 9Page - STMicroelectronics STS3P6F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STS3P6F6
6/16
DocID024437 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
15
10
5
0
0
10
VDS(V)
(A)
5
20
VGS= 4 V
VGS= 5 V
VGS= 10 V
25
VGS= 6 V
AM15340v1
ID
15
10
5
0
2
4
VGS(V)
6
(A)
3
5
7
20
8
VDS= 9 V
9
10
25
AM15346v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
4
6
10
VDD=30V
ID=3A
AM15341v1
RDS(on)
140
120
100
1
4
ID(A)
(m
Ω)
2
6
160
180
8
3
57
9
VGS=10V
AM15350v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com