Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3P6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3P6F6
Description  Low gate drive power losses
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3P6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STS3P6F6 Datasheet HTML 1Page - STMicroelectronics STS3P6F6 Datasheet HTML 2Page - STMicroelectronics STS3P6F6 Datasheet HTML 3Page - STMicroelectronics STS3P6F6 Datasheet HTML 4Page - STMicroelectronics STS3P6F6 Datasheet HTML 5Page - STMicroelectronics STS3P6F6 Datasheet HTML 6Page - STMicroelectronics STS3P6F6 Datasheet HTML 7Page - STMicroelectronics STS3P6F6 Datasheet HTML 8Page - STMicroelectronics STS3P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID024437 Rev 2
3/16
STS3P6F6
Electrical ratings
1
Electrical ratings
Note:
For the P-channel Power MOSFET actual polarity of voltages and current has to be
reversed.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at Tpcb = 25 °C
3
A
ID
Drain current (continuous) at Tpcb = 100 °C
2
A
IDM
(1)
1. Pulse width is limited by safe operating area.
Drain current (pulsed)
12
A
PTOT
Total dissipation at Tpcb = 25 °C
2.7
W
Tj
Pstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb
(1)
1. When mounted on FR-4 board of 15 mm2, 2 Oz Cu, t<10 sec
Thermal resistance junction-pcb max
47
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com