Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4 Datasheet(PDF) 2 Page - NEC

Part # D4
Description  SAN STORAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D4 Datasheet(HTML) 2 Page - NEC

  D4 Datasheet HTML 1Page - NEC D4 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2880 Scott Blvd.
Santa Clara, CA 95050
www.necam.com/storage
sales@necam.com
1 866 632-3226
1 408 844-1299
© 2010 NEC Corporation of America. All rights reserved. Specifications are
subject to change without notice. NEC is a registered trademark and Empowered
by Innovation is a trademark of NEC Corporation. All other trademarks are the
property of their respective owners. (DS149-2_ 0210)
Hardware
Model
D4 Basic Architecture
D4 with Extended FC Option
D4 with FC + iSCSI Option*
Host Ports
8 Gbps Fibre Channel
4 ports (2 per controller)
8 ports (4 per controller)
4 ports (2 per controller)
10 Gbps iSCSI
-
-
4 ports (2 per controller)
iSCSI Connection Type 10GBASE-SR (multi-mode fiber compatible with OM3 cables)
Number of Controllers
Dual controllers (active-active)
Configuration
1 to 12 2U enclosures
12 drives per enclosure
SAS – SATA intermix within an enclosure
Cache Memory Capacity
4 or 8 GB (2 or 4 GB per controller)
4 or 8 GB (2 or 4 GB per controller)
8 GB (4 GB per controller)
Battery Backup Time
7 hours (8GB Cache Memory) 14 hours (4GB Cache Memory)
Optional BBU Time
72 hours (8GB Cache Memory) 120 hours (4GB Cache Memory)
Supported
RAID Levels
SAS
1, 10, Triple Mirror, 3, 3DP (3 Double Parity), 5, 50, 6
SATA
Triple Mirror, 5, 50, 6
Maximum
Capacity
SAS
86.4 TB
SATA
288 TB
Disk Drives
Capacity
SAS
300 GB, 450 GB, 600 GB rotating at 15,000 rpm
SATA
1 TB, 2 TB rotating at 7,200 rpm
Interface
Speed
SAS
6 Gbps
SATA
3 Gbps
Number of Disk Drives
3 – 144
Disk Enclosure Connections
48 Gbps wide-link SAS
Performance
Up to 1000 MB/s and 140,000 IOPS
Supported Operating Systems
Microsoft® Windows Server® 2003* & 2008 (x86, x64),
Hyper-V, Red Hat® Enterprise Linux®, VMware®, HP-UX, SolarisTM, Citrix® XenServer®
Base Unit/Enclosure Dimensions
2U: 18.9” W x 21.3” D x 3.4” H (480 x 540 x 86.5 mm)
Weight
Base Unit
68.3 lbs. (31kg) or less
Disk Enclosure
63.9 lbs. (29kg) or less
Power Requirements
AC 100 – 240V single phase 50/60Hz
Software (see software data sheet for details)
Objective
NEC Storage Software
Function
Simple Operation
StorageManager (iSM)
Core storage management functionality
ThinProvisioning
Allows over-provisioning of capacity
High Availability
PathManager
Multi-pathing for failover and load balancing
Data Protection
DynamicDataReplication (DDR)
Data replication within same array
RemoteDataReplication (RDR)*
Replication between arrays - synchronous, asynchronous, & semi-synch
RemoteDataReplication Asynchronous*
Replication between arrays - asynchronous only
DynamicSnapVolume (DSV)
On-demand snapshots
ReplicationControl SQL Option
Transaction-consistent protection for MS SQL Server
Performance Management
PerformanceMonitor
Performance monitoring & alerts
PerformanceNavigator
Analysis of performance data over time
PerformanceOptimizer
Automates performance tuning
Energy Conservation
PowerConserver
Turn off HDDs when not needed
Compliance
VolumeProtector
Prevent unauthorized modification of data
Specifications
Environmental
Maximum Watts
BTUs/Hour
All SAS
All SATA
All SAS
All SATA
D4 base unit
640 W
570 W
2,184 BTU/hr
1,945 BTU/hr
Disk Enclosure
430 W
370 W
1,462 BTU/hr
1,258 BTU/hr
Operating
Storage
Temperature
41 - 104º F (5 - 40º C)
14 - 140°F (-10-60°C)
Humidity
10 - 80%
5 - 80%
Available on the GSA Schedule
Server 2003
* iSCSI option does not support
* iSCSI option does not support



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com