Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4 Datasheet(PDF) 1 Page - NEC

Part # D4
Description  SAN STORAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D4 Datasheet(HTML) 1 Page - NEC

  D4 Datasheet HTML 1Page - NEC D4 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D4
SAN STORAGE
Superior Dependability
Fully redundant
•
system architecture delivers 99.999% availability
Active-active controllers
•
provide highest performance and
dependability in a multipathing environment
Snapshots and replication
•
enable data protection
Self-healing
•
, patented
Phoenix technology decreases the number
of RAID rebuilds by 30%-50% and reduces HDD failures by fixing
hard drives before they fail
Catches silent data corruption
•
of both SAS and SATA drives that
is not detected by other systems
RAID groups span enclosures
•
for maximum reliability
Global hot spares
•
and hot swappable hard drives
Mirrored ECC cache
•
is also battery-backed
Background disk & cache scrubbing
•
prevents applications from
receiving corrupt data
High Efficiency
Thin Provisioning
•
enables smart capacity over-provisioning,
keeping drive costs to a minimum
Both FC and iSCSI
•
connectivity is ideal for making the transition
to an IP-based storage infrastructure
SAS and SATA intermix
•
in the same enclosure can economically
store both primary and secondary data
Power off RAID groups
•
when not in use to save energy
Wide Scalability
Expand RAID groups
•
dynamically by adding HDDs one-by-one or
many at a time while data is still being accessed
Up to 144 HDDs
•
in a single RAID group
Grow LUNs online
•
without reconfiguring RAID groups
Use 8 front-end ports
•
to attach more servers without a switch
Up to 8 GB cache
•
provides top performance for multiple hosts
Command Line Interface (CLI)
•
allows automated control
Email notification and SNMP traps
•
proactively alert you
Browser-based GUI
•
allows remote management of up to 32
arrays in a ‘single pane of glass’
NEC D4 Storage
The D4 SAN storage array delivers both high performance 8 Gbps
Fibre Channel ports and cost-effective 10 Gbps iSCSI connectivity
in the same system for use with VMware®, databases, and other
block-storage applications. It uses SAS and SATA drives in the
same enclosures to create a tiered storage architecture.
D4 at a Glance
2U
A
A
A
A
s
C
C
D
D
B
B
E
E
Base Unit with Extended FC Option (rear)
Dual disk adapter modules
Dual power supplies
2U
A
A
A
A
F
F
C
C
D
D
B
B
E
E
Base Unit with FC + iSCSI Option (rear)
Dual disk adapter modules
Dual power supplies
Disk Enclosure (rear)
A
A
A
A
B
B
2U
Dual disk adapter modules
Dual power supplies
Base Unit/Disk Enclosure (front)
Modular design — each module holds 12 HDDs
•
Dual-ported drives • SAS - SATA HDD intermix • Hot spare/swap HDDs
A
B
C
D
E
F
Dual fans per power supply
Fibre Channel front-end connectivity
ECC cache memory (mirrored, battery-backed)
Dual SAS back-end ports (48 Gbps wide-link)
Redundant management ports
iSCSI front-end connectivity


Similar Description - D4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0412G601 SANYO-109P0412G601 Datasheet
125Kb / 2P
San Ace 40
109P0412H901 SANYO-109P0412H901 Datasheet
112Kb / 2P
San Ace 40
109P0424H3013 SANYO-109P0424H3013 Datasheet
145Kb / 5P
San Ace 40
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
9WS1212H101 ETC2-9WS1212H101 Datasheet
124Kb / 2P
San Ace 120WS
logo
Advantech Co., Ltd.
ASR-5300I-16A1E ADVANTECH-ASR-5300I-16A1E Datasheet
396Kb / 2P
3U 16-bay IP-SAN Storage with Reinforced Reliability for Surveillance
logo
NEC
M500 NEC-M500 Datasheet
1Mb / 2P
SAN Storage Array
logo
Broadcom Corporation.
6505 BOARDCOM-6505 Datasheet
244Kb / 6P
Flexible, Easy-to-Use Entry-Level SAN Switch for Private Cloud Storage
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
SANYO DENKI CO., LTD.
9CT1-001 SANYODENKI-9CT1-001 Datasheet
326Kb / 4P
San Ace Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com