Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX2000 Datasheet(PDF) 2 Page - NEC

Part # DX2000
Description  Scalable Modular Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

DX2000 Datasheet(HTML) 2 Page - NEC

  DX2000 Datasheet HTML 1Page - NEC DX2000 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DX2000
Hardware Specifications
Cat.No. E03-16040009E
© 2016 NEC Corporation. All rights reserved. NEC, NEC logo are trademarks or registered trademarks of NEC Corporation that may be registered in Japan
and other jurisdictions. All trademarks identi ed with ® or ™ are registered trademarks or trademarks respectively. The information and speci cations
contained in this publication are subject to change without prior notice. NEC shall not be responsible for technical or editorial errors. Models may vary for
each country. Please refer to your local NEC representatives for further details.
EMEA (Europe, Middle East, Africa)
NEC Enterprise Solutions
www.nec-enterprise.com
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
North America (USA, Canada)
NEC Corporation of America
www.necam.com
APAC (South Asia, South East Asia, Oceania)
sg.nec.com
NEC Asia Pacic Pte. Ltd.
For further information please contact your local NEC representative or:
Server Module
Form factor
Server module that plugs into the Module Enclosure
* Please contact your sales representative for the latest information.
Number of processors
1
Processors
Intel® Xeon® Processor D-1527 (2.20GHz/4-core/6MB)
Intel® Xeon® Processor D-1541 (2.10GHz/8-core/12MB)
Intel® Xeon® Processor D-1571 (1.30GHz/16-core/24MB)
Memory type
DDR4-2133 ECC SO-DIMM
Memory slots
4
Memory capacity
8 GB / 16 GB / 32 GB / 64 GB
Storage type
M.2 SATA SSD
Internal storage capacity
128 GB / 256 GB / 512 GB
Network
2 10GbE links to switch modules
2 additional 10GbE links to switch modules with an optional 10G LAN module (Occupies one server
module slot)
Systems management
EXPRESSSCOPE Engine 3
Operating systems and
virtualization software *
Red Hat® Enterprise Linux® 7.2
VWware® ESXi™ 6.0
Module Enclosure
Form factor / height
3U Rack
Server module slots
44 (22 slots can be used for 10G LAN modules and 8 slots can be used for PCIe cards)
* The number of installable modules may change according to configuration.
Network switches
2 network switch modules (L2)
Redundant cooling fan
Standard, hot plug
Power supplies
3 Hot plug power supply 1600 Watt
200-240 VAC ± 10% 50 / 60 Hz ± 3 Hz
Redundant power supply
Standard, hot plug
* Not redundant in some configurations
Temperature and humidity
conditions (non-condensing)
Operating: 10 to 35* °C/ 50 to 95* °F , 20 to 80%
Non-operating: -10 to 55°C/14 to 131°F, 20 to 80%
* In specific configurations, the operable ambient temperature is up to 40°C/104°F
Dimensions (W x D x H) and
maximum weight
448.0 x 769.0 x 130.0 mm / 17.6 x 30.3 x 5.1 in, 48 kg / 105.82 lbs.
Network Switch Module (L2)
Form factor
Network Switch Module that plugs into the Module Enclosure
Network
Up link: 8 40G QSFP+ ports plus 1 1000BASE-T for management
Down link: 44 10GbE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com