Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX2000 Datasheet(PDF) 1 Page - NEC

Part # DX2000
Description  Scalable Modular Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

DX2000 Datasheet(HTML) 1 Page - NEC

  DX2000 Datasheet HTML 1Page - NEC DX2000 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DX2000
Scalable Modular Server
Data Sheet
April 2016
Ideal Platform to support IoT
Big data continues to flood the world in real time, generating valuable
information that needs to be collected and analyzed using advanced
analytics technology. The feedback generated through big data analytics
creates a flow of information about people, things and services and is
known as the Internet of Things (IoT). This dramatic flow of information
will bring a big impact to business, including changes in the process of
knowledge creation, a new social value creation, reformation of industrial
structure and industry reorganization. Today’s businesses must quickly
convert enormous amounts of data into valuable information that
provides business insight as well as solutions that can use this new
Key Features
• 3U rack enclosure with up to 44 server nodes
• Up to 572 server nodes in a 42U server rack
• Support for the latest Intel® Xeon® Processor D Family
• Up to 64GB of high speed DDR4 memory per server node
• Up to 2.8TB memory per enclosure
• Two or four 10GbE links per server node
• 1502GB/s of total memory bandwidth per enclosure
• Full manageability with integrated EXPRESSSCOPE Engine 3
power of IoT. To solve business challenges through IoT requires the
ability to utilize big data, create high-speed big data analytics platform,
and use an advanced analytics engine to analyze various forms of data
such as text, images, audio and video. The Scalable Modular Server
DX2000 from NEC is at the core of a high-speed big data analytics
platform that delivers both high-speed processing and extreme density,
while providing total solutions for big data utilization. NEC’s solutions
support building an IoT platform that will help lead your business to the
next stage.
Features
The DX2000 is designed to deliver high-speed parallel processing with
extreme density for big data solutions. It is suitable for organizations that
want to analyze/visualize accumulated data without high levels of
knowledge. Also, solutions integrated with this server is ideal for
companies that want to utilize an extremely large amount of complex
data in order to achieve sales expansion and cost reduction, for
example, through demand prediction and effective recommendations. In
addition, the DX2000 is suitable for other scale-out computing platforms
such as bare metal cloud, private cloud and Infrastructure as a Service
(IaaS).
The DX2000 incorporates up to 44 single-processor server modules with
the energy-efficient, high-performance Intel® Xeon® Processor D Family
in a 3U enclosure. With up to 2.8 TB total memory per enclosure (in 44
server nodes), the DX2000 provides extremely wide memory access
bandwidth, which is approximately 5 times more than the total amount
of memory access bandwidth that is provided by three conventional 1U
rack, dual-processor general purpose servers. In addition, the total
network bandwidth among server nodes in a chassis is 880Gbps, while
the up-link is 640Gbps. These features provide in-memory distributed
processing for real-time big data analytics for up to thousands of
servers, along with a reduced total cost of ownership because of
advanced power efficiency and smaller footprint in the data center.
The integrated EXPRESSSCOPE Engine 3 technology of the DX2000
provides extensive remote management capabilities for chassis and
modules including out-of-band management of each server. All modules
and shared components, including fans, power supply units, and switch
modules are hot-swappable and easy to replace.
Perfect For Big Data Solutions, Cloud and IaaS
Simplified Manageability
High Performance with Hyper Scalability


Similar Part No. - DX2000

ManufacturerPart #DatasheetDescription
logo
Powerbox
DX200 POWERBOX-DX200 Datasheet
307Kb / 1P
1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
DX200N POWERBOX-DX200N Datasheet
307Kb / 1P
1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
More results

Similar Description - DX2000

ManufacturerPart #DatasheetDescription
logo
NEC
R120B-2 NEC-R120B-2 Datasheet
940Kb / 2P
The scalable compact rack server
R120F-2M NEC-R120F-2M Datasheet
659Kb / 2P
The scalable compact rack server
R120G-2M NEC-R120G-2M Datasheet
1,009Kb / 2P
The scalable compact rack server
R140B-4 NEC-R140B-4 Datasheet
1Mb / 2P
The highly scalable enterprise server
A1040B NEC-A1040B Datasheet
976Kb / 2P
The scalable enterprise server
A1040C NEC-A1040C Datasheet
1Mb / 2P
The scalable enterprise server
A1040D NEC-A1040D Datasheet
1Mb / 2P
The scalable enterprise server
A1080A NEC-A1080A Datasheet
108Kb / 2P
Scalable HA Server Series
A2000 NEC-A2000 Datasheet
1Mb / 2P
The scalable enterprise server
A2000B NEC-A2000B Datasheet
1,017Kb / 2P
The scalable enterprise server
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com