Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 3Page - STMicroelectronics STSPIN32F0 Datasheet HTML 4Page - STMicroelectronics STSPIN32F0 Datasheet HTML 5Page - STMicroelectronics STSPIN32F0 Datasheet HTML 6Page - STMicroelectronics STSPIN32F0 Datasheet HTML 7Page - STMicroelectronics STSPIN32F0 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DocID029806 Rev 2
7/40
STSPIN32F0
Electrical data
40
3
Electrical data
3.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 1 may cause permanent
damage to the device. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VM
Power supply voltage
-
-0.3 to 48
V
VREG12
Linear regulator output and gate driver
supply voltage
VREG12
shorted to VM
15
V
VOPP
Op amp positive input voltage
-
-0.2 to VDD +0.2
V
VOPN
Op amp negative input voltage
-
-0.2 to VDD +0.2
V
VCP
Comparator input voltage
-
-2 to 2
V
V3FG
3FG output voltage
-
-0.3 to VDD +0.3
V
I3FG
3FG output sink current
-
8
mA
VHS
High-side gate output voltage
-
VOUT - 0.3 to VBOOT + 0.3
V
VLS
Low-side gate output voltage
-
-0.3 to VREG12 + 0.3
V
VBOOT
Bootstrap voltage
-
Max. (VOUT - 0.3 or -0.3) to
min. ('VOUT + VREG12 + 0.3' or 60)
V
VOUT
Output voltage (OUTU, OUTV, OUTW)
-
-2 to VM + 2
V
dVOUT/dt Output slew rate
-
± 10
V/ns
VIO
MCU logic input voltage
(1) TTa type
-0.3 to 4
V
Logic input voltage
(1) FT, FTf type
-0.3 to VDD + 4(2)
V
IIO
MCU I/O output current
(1)
-25 to 25
mA
IIO
MCU I/O total output current
(1), (3)
-80 to 80
mA
VDD
MCU digital supply voltage
(1)
-0.3 to 4
V
VDDA
MCU analog supply voltage
(1)
-0.3 to 4
V
Tstg
Storage temperature
-
-55 to 150
°C
Tj
Operating junction temperature
-
-40 to 150
°C
1. For details see Table 15 Voltage characteristics in the STM32F031C6 datasheet (suffix 7 version).
2. Valid only if the internal pull-up/pull-down resistors are disabled. If internal the pull-up or pull-down resistor is enabled, the
maximum limit is 4 V.
3. If the MCU supply voltage is provided by an integrated DC/DC regulator, the application current consumption is limited at
IDDA,max value (see Table 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com