Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 16Page - STMicroelectronics STSPIN32F0 Datasheet HTML 17Page - STMicroelectronics STSPIN32F0 Datasheet HTML 18Page - STMicroelectronics STSPIN32F0 Datasheet HTML 19Page - STMicroelectronics STSPIN32F0 Datasheet HTML 20Page - STMicroelectronics STSPIN32F0 Datasheet HTML 21Page - STMicroelectronics STSPIN32F0 Datasheet HTML 22Page - STMicroelectronics STSPIN32F0 Datasheet HTML 23Page - STMicroelectronics STSPIN32F0 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Device description
STSPIN32F0
20/40
DocID029806 Rev 2
6.1.1
UVLO on supply voltages
The STSPIN32F0 device provides UVLO protections on all power supplies.
The device enters into the undervoltage condition when the power supply voltage falls below
the off threshold voltage and expires when the motor supply voltage goes over the on
threshold voltage.
Table 9 shows the UVLO protection management: which blocks are switched off after an
UVLO event.
Figure 6. Power-up and power-down sequence
6.1.2
Thermal protection
The device embeds an overtemperature shut-down protection. The thermal sensors are
placed next to the DC/DC and linear regulator blocks.
When the OT protection is triggered the correspondent block is switched off, the thermal
shut-down condition only expires when the temperature goes below the “TSD - Thys”
temperature (auto-restart).
Table 9 shows the thermal protection management which blocks are switched off after an
overtemperature event.
6.2
DC/DC buck regulator
The internal DC/DC buck converter provides the 3.3 V supply voltage suitable to supply the
MCU and other external devices (e.g. Hall-effect sensors).
The regulator operates in the discontinuous current mode (DCM).
A soft-start function with fixed start-up time is implemented to minimize the inrush current at
the start-up, refer to Figure 8.
An overcurrent and short-circuit protection is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com