Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3540 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3540
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3540 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3540 Datasheet HTML 1Page - Toshiba Semiconductor TLP3540 Datasheet HTML 2Page - Toshiba Semiconductor TLP3540 Datasheet HTML 3Page - Toshiba Semiconductor TLP3540 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP3540
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Reverse voltage
VR
6
V
Junction temperature
Tj
125
°C
Off
-state output voltage
VOFF
60
V
On
-state current
ION
2
A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55~125
°C
Operating temperature
Topr
-20~85
°C
Lead solder temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
1500
Vrms
(Note 1): Device considered a two
-terminal device: Pins 1, 2, 3 and 4 shorted together and
pins 5 and 8 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VOFF
―
―
48
V
Forward current
IF
10
―
30
mA
On
-state current
ION
―
―
2
A
Operating temperature
Topr
25
―
50
°C
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 20 mA
1.0
1.2
1.4
V
Reverse voltage
IR
VR = 6 V
―
―
10
µA
Capacitance
CT
V = 0, f = 1 MHz
―
15
―
pF
Off
-state current
IOFF
VOFF = 20V, Ta = 50°C
―
1.0
4.0
nA
Capacitance
COFF
V = 0, f = 1MHz
―
600
1400
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
Trigger LED current
IFT
ION = 1 A
―
―
5
mA
On
-state resistance
RON
ION = 1 A, IF = 10mA
―
―
0.12
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com