Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3540 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3540
Description  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3540 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3540 Datasheet HTML 1Page - Toshiba Semiconductor TLP3540 Datasheet HTML 2Page - Toshiba Semiconductor TLP3540 Datasheet HTML 3Page - Toshiba Semiconductor TLP3540 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP3540
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−MOS FET
TLP3540
Memory Testers
Logic IC Testers
Data Recording Equipment
Measuring Equipment
TLP3540 is a photorelay and consists of a GaAs infrared emitting diode
optically coupled to a photo−MOSFET in a 8−pin DIP package (DIP8).
This photorelay has characteristics of low−on resistance when it turns on.
It is suitable for 48 V power line on / off switches.
· 1−form−A
· Peak off−state voltage: 60V(min.)
· Trigger LED current: 5mA(max.)
· On−state current: 2A(max.)
· On− state resistance: 120mΩ(max.)
· Isolation voltage: 1500Vrms(min.)
Pin Configuration (top view)
8
7
6
5
1
2
3
4
1 : NC
2 : Anode
3 : Cathode
4 : NC
5 : Drain
6 : Source (shorten a pin)
7 : Source (shorten a pin)
8 : Drain
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
Weight: 0.54 g


Similar Part No. - TLP3540

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3542 TOSHIBA-TLP3542 Datasheet
84Kb / 4P
TESTERS DATA RECORDING EQUIPMENT MEASURING EQUIPMENT
TLP3542 TOSHIBA-TLP3542 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_07 Datasheet
145Kb / 6P
TESTERS DATA RECORDING EQUIPMENTS
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3543 TOSHIBA-TLP3543 Datasheet
173Kb / 9P
Photocouplers Photorelay
More results

Similar Description - TLP3540

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com