Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5402 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 29Page - Texas Instruments TMS320VC5402 Datasheet HTML 30Page - Texas Instruments TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079G − OCTOBER 1998 − REVISED OCTOBER 2008
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
support
notices concerning JTAG (IEEE 1149.1) boundary scan test capability
initialization requirements for boundary scan test
The 5402 uses the JTAG port for boundary scan tests, emulation capability and factory test purposes. To use
boundary scan test, the EMU0 and EMU1/OFF pins must be held HIGH through a rising edge of the TRST
signal prior to the first scan. This operation selects the appropriate TAP control for boundary scan. If at any
time during a boundary scan test a rising edge of TRST occurs when EMU0 or EMU1/OFF are not high, a
factory test mode may be selected preventing boundary scan test from being completed. For this reason, it
is recommended that EMU0 and EMU1/OFF be pulled or driven high at all times during boundary scan test.
boundary scan description language (BSDL) model
BSDL models are available on the web in the 5402 product folder under the “simulation models” section.
documentation support
Extensive documentation supports all TMS320
t DSP family of devices from product announcement through
applications development. The following types of documentation are available to support the design and use
of the C5000 family of DSPs:
D TMS320C54xt DSP Functional Overview (literature number SPRU307)
D Device-specific data sheets (such as this document)
D Complete User Guides
D Development-support tools
D Hardware and software application reports
The five-volume TMS320C54x DSP Reference Set consists of:
D Volume 1: CPU and Peripherals (literature number SPRU131)
D Volume 2: Mnemonic Instruction Set (literature number SPRU172)
D Volume 3: Algebraic Instruction Set (literature number SPRU179)
D Volume 4: Applications Guide (literature number SPRU173)
D Volume 5: Enhanced Peripherals (literature number SPRU302)
The reference set describes in detail the TMS320C54x products currently available, and the hardware and
software applications, including algorithms, for fixed-point TMS320 devices.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320 newsletter, Details on Signal Processing, is published
quarterly and distributed to update TMS320 customers on product information.
Information regarding TI
t DSP products is also available on the Worldwide Web at http://www.ti.com uniform
resource locator (URL).
TMS320, TMS320C5000, and TI are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com