Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5402 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5402 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 8Page - Texas Instruments TMS320VC5402 Datasheet HTML 9Page - Texas Instruments TMS320VC5402 Datasheet HTML 10Page - Texas Instruments TMS320VC5402 Datasheet HTML 11Page - Texas Instruments TMS320VC5402 Datasheet HTML 12Page - Texas Instruments TMS320VC5402 Datasheet HTML 13Page - Texas Instruments TMS320VC5402 Datasheet HTML 14Page - Texas Instruments TMS320VC5402 Datasheet HTML 15Page - Texas Instruments TMS320VC5402 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079G − OCTOBER 1998 − REVISED OCTOBER 2008
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory
The 5402 device provides both on-chip ROM and RAM memories to aid in system performance and integration.
on-chip ROM with bootloader
The 5402 features a 4K-word
× 16-bit on-chip maskable ROM. Customers can arrange to have the ROM of the
5402 programmed with contents unique to any particular application. A security option is available to protect
a custom ROM. This security option is described in the TMS320C54x DSP CPU and Peripherals Reference Set,
Volume 1 (literature number SPRU131). Note that only the ROM security option, and not the ROM/RAM option,
is available on the 5402 .
A bootloader is available in the standard 5402 on-chip ROM. This bootloader can be used to automatically
transfer user code from an external source to anywhere in the program memory at power up. If the MP/MC pin
is sampled low during a hardware reset, execution begins at location FF80h of the on-chip ROM. This location
contains a branch instruction to the start of the bootloader program. The standard 5402 bootloader provides
different ways to download the code to accomodate various system requirements:
D Parallel from 8-bit or 16-bit-wide EPROM
D Parallel from I/O space 8-bit or 16-bit mode
D Serial boot from serial ports 8-bit or 16-bit mode
D Host-port interface boot
The standard on-chip ROM layout is shown in Table 1.
Table 1. Standard On-Chip ROM Layout†
ADDRESS RANGE
DESCRIPTION
F000h − F7FFh
Reserved
F800h − FBFFh
Bootloader
FC00h − FCFFh
µ-law expansion table
FD00h − FDFFh
A-law expansion table
FE00h − FEFFh
Sine look-up table
FF00h − FF7Fh
Reserved
FF80h − FFFFh
Interrupt vector table
† In the ’VC5402 ROM, 128 words are reserved for factory device-testing purposes. Application
code to be implemented in on-chip ROM must reserve these 128 words at addresses
FF00h–FF7Fh in program space.
on-chip RAM
The 5402 device contains 16K
× 16-bit of on-chip dual-access RAM (DARAM). The DARAM is composed of two
blocks of 8K words each. Each block in the DARAM can support two reads in one cycle, or a read and a write
in one cycle. The DARAM is located in the address range 0060h−3FFFh in data space, and can be mapped
into program/data space by setting the OVLY bit to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com