Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT5N2VH5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STT5N2VH5
Description  Very low threshold device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT5N2VH5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STT5N2VH5 Datasheet HTML 3Page - STMicroelectronics STT5N2VH5 Datasheet HTML 4Page - STMicroelectronics STT5N2VH5 Datasheet HTML 5Page - STMicroelectronics STT5N2VH5 Datasheet HTML 6Page - STMicroelectronics STT5N2VH5 Datasheet HTML 7Page - STMicroelectronics STT5N2VH5 Datasheet HTML 8Page - STMicroelectronics STT5N2VH5 Datasheet HTML 9Page - STMicroelectronics STT5N2VH5 Datasheet HTML 10Page - STMicroelectronics STT5N2VH5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID026116 Rev 1
7/13
STT5N2VH5
Electrical characteristics
13
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Normalized V(BR)DSS vs temperature
Figure 12. Source-drain diode forward
characteristics
C
100
10
0
8
VDS(V)
(pF)
4
12
Ciss
Coss
Crss
16
AM18133v1
VGS(th)
0.6
0.4
0.2
0
-55
-5
TJ(°C)
(norm)
-30
0.8
70
20 45
95
ID=250µA
120
1
1.2
AM18134v1
RDS(on)
1.4
0.8
0.4
0
TJ(°C)
(norm)
0.2
0.6
1
1.2
1.6
ID=2A
VGS=10V
-55
-5
-30
70
20 45
95 120
AM18135v1
V(BR)DSS
TJ(°C)
(norm)
0.9
0.95
1
1.05
1.1
ID=1mA
-55
-5
-30
70
20 45
95 120
AM18136v1
VSD
0.5
2.5
ISD(A)
(V)
1.5
3.5
4.5
0.3
0.4
0.5
0.6
TJ=-55°C
TJ=150°C
TJ=25°C
0.7
0.8
0.9
AM18137v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com