Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STT5N2VH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STT5N2VH5
Description  Very low threshold device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT5N2VH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STT5N2VH5 Datasheet HTML 1Page - STMicroelectronics STT5N2VH5 Datasheet HTML 2Page - STMicroelectronics STT5N2VH5 Datasheet HTML 3Page - STMicroelectronics STT5N2VH5 Datasheet HTML 4Page - STMicroelectronics STT5N2VH5 Datasheet HTML 5Page - STMicroelectronics STT5N2VH5 Datasheet HTML 6Page - STMicroelectronics STT5N2VH5 Datasheet HTML 7Page - STMicroelectronics STT5N2VH5 Datasheet HTML 8Page - STMicroelectronics STT5N2VH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STT5N2VH5
4/13
DocID026116 Rev 1
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 1 mA, V
GS
= 0
20
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 20 V
1
μA
V
DS
= 20 V, T
C
=125 °C
10
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 8 V
± 100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA0.7
V
R
DS(on)
Static drain-source
on-resistance
V
GS
= 4.5 V, I
D
= 2 A
0.025
0.03
Ω
V
GS
= 2.5 V, I
D
= 2 A
0.031
0.04
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
Input capacitance
V
DS
= 16 V, f = 1 MHz,
V
GS
= 0
-
367
-
pF
C
oss
Output capacitance
-
92
-
pF
C
rss
Reverse transfer
capacitance
-16
-
pF
Q
g
Total gate charge
V
DD
= 16 V, I
D
= 2 A,
V
GS
= 4.5 V
(see
Figure 14)
-4.6
-
nC
Q
gs
Gate-source charge
-
0.9
-
nC
Q
gd
Gate-drain charge
-
1
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
Voltage delay time
V
DD
= 16 V, I
D
= 2 A,
R
G
= 4.7
Ω, V
GS
= 4.5 V
(see
Figure 15 and Figure 18)
-4.8
-
ns
t
r (V)
Voltage rise time
-
14.4
-
ns
t
d (off)
Current fall time
-
17
-
ns
t
f
Crossing time
-
4
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com