Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH15AC06C
Description  Low reverse recovery current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06C Datasheet(HTML) 1 Page - STMicroelectronics

  STTH15AC06C Datasheet HTML 1Page - STMicroelectronics STTH15AC06C Datasheet HTML 2Page - STMicroelectronics STTH15AC06C Datasheet HTML 3Page - STMicroelectronics STTH15AC06C Datasheet HTML 4Page - STMicroelectronics STTH15AC06C Datasheet HTML 5Page - STMicroelectronics STTH15AC06C Datasheet HTML 6Page - STMicroelectronics STTH15AC06C Datasheet HTML 7Page - STMicroelectronics STTH15AC06C Datasheet HTML 8Page - STMicroelectronics STTH15AC06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
October 2013
DocID024884 Rev 1
1/11
11
STTH15AC06C
Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
• Ultrafast switching
• Low reverse recovery current
• Reduces switching and conduction losses
• Low thermal resistance
• insulated package TO-220FPAB:
– Insulated voltage: 2500 VDC
Description
The STTH15AC06C uses ST Turbo 2 600 V
technology and is suited as a boost diode in air
conditioning equipment for continuous mode
interleaved power factor correction.
The device is also intended for use as a
freewheeling diode in power supplies and other
power switching applications.
A1
K
K
A2
K
A1
A2
A1
K
A2
TO-220FPAB
STTH15AC06CFP
TO-220AB
STTH15AC06CT
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 7.5 A
VRRM
600 V
trr (max)
25 ns
VF (max)
1.5 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STTH15AC06C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH15AC06 STMICROELECTRONICS-STTH15AC06 Datasheet
305Kb / 8P
Reduces switching and conduction losses
24-Apr-2015
logo
Inchange Semiconductor ...
STTH15AC06FP ISC-STTH15AC06FP Datasheet
388Kb / 3P
Ultrafast Recovery Rectifier Diode
More results

Similar Description - STTH15AC06C

ManufacturerPart #DatasheetDescription
logo
Micross Components
FFP30S65S MICROSS-FFP30S65S Datasheet
722Kb / 3P
Low Reverse Recovery Current
logo
STMicroelectronics
STTH5R06-Y STMICROELECTRONICS-STTH5R06-Y Datasheet
142Kb / 9P
Low reverse recovery current
03-Nov-2011
STTH30W03C STMICROELECTRONICS-STTH30W03C Datasheet
177Kb / 8P
Low reverse recovery current
18-May-2012
STTH50W03C STMICROELECTRONICS-STTH50W03C Datasheet
151Kb / 9P
Low reverse recovery current
August 2013 Rev1
STTH60W03C STMICROELECTRONICS-STTH60W03C Datasheet
179Kb / 8P
Low reverse recovery current
June 2012 Rev 1
logo
First Silicon Co., Ltd
MPCF10N65A FS-MPCF10N65A Datasheet
562Kb / 5P
Zero Reverse Recovery Current
2021. 06.03 Revision No:0
MPCF16N65A FS-MPCF16N65A Datasheet
469Kb / 4P
Zero Reverse Recovery Current
2021.11.22 Revision No :0
MPCF30N65A FS-MPCF30N65A Datasheet
348Kb / 5P
Zero Reverse Recovery Current
2021. 06. 11 Revision No : 0
MPCK10N120A FS-MPCK10N120A Datasheet
329Kb / 5P
Zero Reverse Recovery Current
2021. 06. 03 Revision No : 0
MPCX8N65A FS-MPCX8N65A Datasheet
3Mb / 7P
Zero Reverse Recovery Current
2021. 11. 30 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com