Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH15AC06C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH15AC06C
Description  Low reverse recovery current
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH15AC06C Datasheet(HTML) 4 Page - STMicroelectronics

  STTH15AC06C Datasheet HTML 1Page - STMicroelectronics STTH15AC06C Datasheet HTML 2Page - STMicroelectronics STTH15AC06C Datasheet HTML 3Page - STMicroelectronics STTH15AC06C Datasheet HTML 4Page - STMicroelectronics STTH15AC06C Datasheet HTML 5Page - STMicroelectronics STTH15AC06C Datasheet HTML 6Page - STMicroelectronics STTH15AC06C Datasheet HTML 7Page - STMicroelectronics STTH15AC06C Datasheet HTML 8Page - STMicroelectronics STTH15AC06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH15AC06C
4/11
DocID024884 Rev 1
Figure 5. Relative variation of thermal
impedance, junction to case, versus pulse
duration (TO-220FPAB)
Figure 6. Peak reverse recovery versus dIF/dt
(typical values, per diode)
Zth( j-c) /Rth( j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02
t(s)
P
TO- 220FPAB
Single pulse
0
2
4
6
8
10
12
0
50 100 150 200 250 300 350 400 450 500
IRM (A)
dIF/dt(A/µs)
IF = 7.5 A
V
R = 400 V
Tj = 125 °C
Figure 7. Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 8. Reverse recovery charges versus
dIF/dt (typical values, per diode)
0
50
100
150
200
250
300
350
400
0
50 100 150 200 250 300 350 400 450 500
dIF/dt(A/µs)
IF = 7.5 A
V
R = 400 V
Tj = 125 °C
t
(ns)
RR
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
450
500
Q
(nC)
RR
dIF/dt(A/µs)
IF = 7.5 A
V
R = 400 V
Tj = 125 °C
Figure 9. Reverse recovery softness factor
versus dIF/dt (typical values, per diode)
Figure 10. Relative variations of dynamic
parameters versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
SFACTOR
IF = 7.5 A
V
R = 400 V
Tj = 125 °C
dIF/dt(A/µs)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
I
RM
S FACTOR
Tj(°C)
I
F = 30 A; VR = 400 V
Reference: Tj = 125 °C
Q
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com