Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20LCD06C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH20LCD06C
Description  low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20LCD06C Datasheet(HTML) 2 Page - STMicroelectronics

  STTH20LCD06C Datasheet HTML 1Page - STMicroelectronics STTH20LCD06C Datasheet HTML 2Page - STMicroelectronics STTH20LCD06C Datasheet HTML 3Page - STMicroelectronics STTH20LCD06C Datasheet HTML 4Page - STMicroelectronics STTH20LCD06C Datasheet HTML 5Page - STMicroelectronics STTH20LCD06C Datasheet HTML 6Page - STMicroelectronics STTH20LCD06C Datasheet HTML 7Page - STMicroelectronics STTH20LCD06C Datasheet HTML 8Page - STMicroelectronics STTH20LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH20LCD06C
2/10
Doc ID 15898 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.2 x IF(AV) + 0.04 x IF
2
(RMS)
Table 2.
Absolute ratings(1)
1.
Limiting values per diode at 25 °C, unless otherwise specified
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward current rms
30
A
IF(AV)
Average forward
current,
δ = 0.5
Tc = 105 °C
TO-220AB,
D2PAK
Per diode
10
A
Per device
20
A
Tc = 60 °C
TO-220FPAB
Per diode
10
A
Per device
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
80
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(2)
2.
condition to avoid thermal runaway for a diode on its own heatsink
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D2PAK
3.5
°C/W
TO-220FPAB
5.8
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage
current
Tj = 25 °C
VR = VRRM
--
1
µA
Tj = 150 °C
-
10
100
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25 °C
IF = 10 A
--
2
V
Tj = 150 °C
-
1.25
1.6
Tj = 25 °C
IF = 20 A
-
-
2.35
Tj = 150 °C
-
1.55
2
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com