Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH20LCD06C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH20LCD06C
Description  low reverse current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH20LCD06C Datasheet(HTML) 4 Page - STMicroelectronics

  STTH20LCD06C Datasheet HTML 1Page - STMicroelectronics STTH20LCD06C Datasheet HTML 2Page - STMicroelectronics STTH20LCD06C Datasheet HTML 3Page - STMicroelectronics STTH20LCD06C Datasheet HTML 4Page - STMicroelectronics STTH20LCD06C Datasheet HTML 5Page - STMicroelectronics STTH20LCD06C Datasheet HTML 6Page - STMicroelectronics STTH20LCD06C Datasheet HTML 7Page - STMicroelectronics STTH20LCD06C Datasheet HTML 8Page - STMicroelectronics STTH20LCD06C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH20LCD06C
4/10
Doc ID 15898 Rev 2
Figure 5.
Peak reverse recovery current
versus dIF/dt
(typical values, per diode)
Figure 6.
Reverse recovery time versus
dIF/dt (typical values, per diode)
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
IF = IF(AV)
VR = 400 V
Tj = 125 °C
dIF/dt (A/µs)
0
20
40
60
80
100
120
140
160
180
200
220
240
0
50
100
150
200
250
300
350
400
450
500
tRR (ns)
IF = IF(AV)
VR = 400 V
Tj = 125 °C
dIF/dt (A/µs)
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values, per diode)
Figure 8.
Reverse recovery softness factor
versus dIF/dt
(typical values, per diode)
0
50
100
150
200
250
300
350
400
450
500
550
0
50
100
150
200
250
300
350
400
450
500
QRR (nC)
IF = IF(AV)
VR = 400 V
Tj = 125 °C
dIF/dt (A/µs)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
SFACTOR
dIF/dt (A/µs)
IF = IF(AV)
VR = 400 V
Tj = 125 °C
Figure 9.
Relative variations of dynamic
parameters versus junction
temperature
Figure 10.
Transient peak forward voltage
versus dIF/dt
(typical values, per diode)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
IF = IF(AV)
VR = 400 V
Refernce Tj = 125 °C
Tj (°C)
IRM
SFACTOR
QRR
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
VFP(V)
dIF/dt (A/µs)
IF = IF(AV)
Tj = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com