Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810T-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # T810T-8FP
Description  8 A logic level Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810T-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  T810T-8FP Datasheet HTML 1Page - STMicroelectronics T810T-8FP Datasheet HTML 2Page - STMicroelectronics T810T-8FP Datasheet HTML 3Page - STMicroelectronics T810T-8FP Datasheet HTML 4Page - STMicroelectronics T810T-8FP Datasheet HTML 5Page - STMicroelectronics T810T-8FP Datasheet HTML 6Page - STMicroelectronics T810T-8FP Datasheet HTML 7Page - STMicroelectronics T810T-8FP Datasheet HTML 8Page - STMicroelectronics T810T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
T810T-8FP
4/9
DocID025736 Rev 2
Figure 5. On-state characteristics (maximum
values)
Figure 6. Surge peak on-state current versus
number of cycles
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Tj max :
Vto = 0.85 V
Rd = 57 mW
.
Tj = 150 °C
Tj = 25 °C
V(V)
TM
ITM(A)
0
10
20
30
40
50
60
70
1
10
100
1000
I
(A)
TSM
Non repetitive
Tj initial=25°C
Repetitive
TC= 113 °C
One cycle
t = 20 ms
Number of cycles
Figure 7. Non repetitive surge peak on-state
current and corresponding values of I2t
Figure 8. Relative variation of gate trigger
current and gate voltage versus junction
temperature (typical values)
ITSM(A), I²t (A²s)
10
100
1000
0.01
0.10
1.00
10.00
dI/dt limitation: 100 A/µs
ITSM
I²t
Tj initial=25°C
t (ms)
p
Sinusoidal pulse with width t <10 ms
p
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
50
75
100
125
150
Tj(°C)
IGT,VGT [Tj]/ IGT,VGT [Tj=25 °C]
IGT Q1-Q2
IGT Q3
VGT
Figure 9. Relative variation of static dV/dt
immunity versus junction temperature (typical
values)
Figure 10. Relative variation of holding and
latching current versus junction temperature
(typical values)
T (°C)
j
0
1
2
3
4
5
25
50
75
100
125
150
dV/dt [T
j ]/ dV/dt[Tj =150 °C]
VD = VR = 402 V ; 150°C
VD = VR = 536 V ; 125°C
T (°C)
j
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
IH,IL [Tj ]/ IH,IL [T
j
=25 °C]
IH
IL
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com