Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T810T-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # T810T-8FP
Description  8 A logic level Triac
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810T-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  T810T-8FP Datasheet HTML 1Page - STMicroelectronics T810T-8FP Datasheet HTML 2Page - STMicroelectronics T810T-8FP Datasheet HTML 3Page - STMicroelectronics T810T-8FP Datasheet HTML 4Page - STMicroelectronics T810T-8FP Datasheet HTML 5Page - STMicroelectronics T810T-8FP Datasheet HTML 6Page - STMicroelectronics T810T-8FP Datasheet HTML 7Page - STMicroelectronics T810T-8FP Datasheet HTML 8Page - STMicroelectronics T810T-8FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
February 2015
DocID025736 Rev 2
1/9
9
T810T-8FP
8 A logic level Triac
Datasheet
− production data
Features
• Medium current Triac
• Three quadrants
• ECOPACK®2 and RoHS compliant component
• Complies with UL standards (File ref: E81734)
• High performance Triac:
– High Tj family
– High dI/dt family
– High dV/dt family
• Insulated package TO-220FPAB:
– Insulated voltage: 2000 VRMS
Applications
• General purpose AC line load switching
• Motor control circuits
• Small home appliances
• Lighting
• Inrush current limiting circuits
• Overvoltage crowbar protection
Description
Available in through-hole full pack package, the
T810T-8FP Triac can be used for the on/off or
phase angle control function in general purpose
AC switching. This device can be directly driven
by a microcontroller due to its 10 mA gate current
requirement. Provide UL certified insulation rated
at 2000 VRMS.
Table 1. Device summary
Symbol
Value
Unit
IT(rms)
8A
VDRM, VRRM
800
V
VDSM, VRSM
900
V
IGT
10
mA
www.st.com


Similar Part No. - T810T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
8 A logic level Triac
November 2014 Rev 1
More results

Similar Description - T810T-8FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
Triac logic level
Rev. 01-26 February 2008
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
Logic level 16 A Triac
April 2012 Rev 3
T405T-6FP STMICROELECTRONICS-T405T-6FP Datasheet
366Kb / 9P
4 A logic level Triac
04-Nov-2016
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
6 A logic level Triac
12-Feb-2015
T610T-8T STMICROELECTRONICS-T610T-8T Datasheet
314Kb / 9P
6 A logic level Triac
November 2014 Rev 1
T810T-8T STMICROELECTRONICS-T810T-8T Datasheet
317Kb / 9P
8 A logic level Triac
November 2014 Rev 1
T1210T-8FP STMICROELECTRONICS-T1210T-8FP Datasheet
357Kb / 9P
12 A logic level Triac
February 2015 Rev 2
T1210T-8T STMICROELECTRONICS-T1210T-8T Datasheet
318Kb / 9P
12 A logic level Triac
November 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com