Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M Datasheet(PDF) 15 Page - STMicroelectronics

Part # L78M
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L78M Datasheet HTML 11Page - STMicroelectronics L78M Datasheet HTML 12Page - STMicroelectronics L78M Datasheet HTML 13Page - STMicroelectronics L78M Datasheet HTML 14Page - STMicroelectronics L78M Datasheet HTML 15Page - STMicroelectronics L78M Datasheet HTML 16Page - STMicroelectronics L78M Datasheet HTML 17Page - STMicroelectronics L78M Datasheet HTML 18Page - STMicroelectronics L78M Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
L78M
Electrical characteristics
DocID2146 Rev 21
15/47
Refer to the test circuits, VI = 16 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = -40 to
125 °C (AB), TJ = 0 to 125 °C (AC) unless otherwise specified.
Table 11: Electrical characteristics of L78M10A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
9.8
10
10.2
V
VO
Output voltage
IO = 5 to 350 mA, VI = 12.5 to 25 V
9.6
10
10.4
V
∆VO
Line regulation
VI = 12.5 to 30 V, IO = 200 mA, TJ = 25 °C
100
mV
VI = 13 to 30 V, IO = 200 mA, TJ = 25 °C
30
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25 °C
200
mV
IO = 5 to 200 mA, TJ = 25 °C
100
Id
Quiescent current
TJ = 25 °C
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 12.5 to 30 V
0.8
∆VO/∆T
Output voltage drift
IO = 5 mA
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 13.5 to 24 V, f = 120 Hz, IO = 300 mA,
TJ = 25 °C
56
dB
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
64
µV
Vd
Dropout voltage
TJ = 25 °C
2
V
Isc
Short circuit current
VI = 35 V, TJ = 25 °C
245
mA
Iscp
Short circuit peak current
TJ = 25 °C
700
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com