Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M Datasheet(HTML) 1 Page - STMicroelectronics

  L78M Datasheet HTML 1Page - STMicroelectronics L78M Datasheet HTML 2Page - STMicroelectronics L78M Datasheet HTML 3Page - STMicroelectronics L78M Datasheet HTML 4Page - STMicroelectronics L78M Datasheet HTML 5Page - STMicroelectronics L78M Datasheet HTML 6Page - STMicroelectronics L78M Datasheet HTML 7Page - STMicroelectronics L78M Datasheet HTML 8Page - STMicroelectronics L78M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
March 2017
DocID2146 Rev 21
1/47
This is information on a product in full production.
www.st.com
L78M
Precision 500 mA regulators
Datasheet - production data
Features
Output current to 0.5 A
Output voltages of 5; 6; 8; 9; 10; 12; 15;
24 V
Thermal overload protection
Short circuit protection
Output transition SOA protection
Output voltage tolerance: 2 % (AB and AC
versions) or 4 % (C version)
Guaranteed in extended temperature range
Description
The L78M series of three-terminal positive
regulators is available in TO-220, TO-220FP,
DPAK and IPAK packages and with several fixed
output voltages, making it useful in a wide range
of applications. These regulators can provide
local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting, thermal shutdown and safe area
protection, resulting it essentially indestructible.
If adequate heat sinking is provided, they can
deliver over 0.5 A output current. Although
designed primarily as fixed voltage regulators,
these devices can be used with external
components to obtain adjustable voltage and
currents.


Similar Part No. - L78M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 45P
Precision 500 mA regulators
07-Sep-2020
L78M00 STMICROELECTRONICS-L78M00 Datasheet
173Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jan-2004
logo
Sanyo Semicon Device
L78M00 SANYO-L78M00 Datasheet
230Kb / 8P
5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M00 STMICROELECTRONICS-L78M00 Datasheet
1Mb / 21P
POSITIVE VOLTAGE REGULATORS
January 2004
L78M00 STMICROELECTRONICS-L78M00 Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
More results

Similar Description - L78M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M12ABDT-TR STMICROELECTRONICS-L78M12ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
Precision 500 mA regulators
07-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com