Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M05A Datasheet(PDF) 27 Page - STMicroelectronics

Part # 78M05A
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button 78M05A Datasheet HTML 23Page - STMicroelectronics 78M05A Datasheet HTML 24Page - STMicroelectronics 78M05A Datasheet HTML 25Page - STMicroelectronics 78M05A Datasheet HTML 26Page - STMicroelectronics 78M05A Datasheet HTML 27Page - STMicroelectronics 78M05A Datasheet HTML 28Page - STMicroelectronics 78M05A Datasheet HTML 29Page - STMicroelectronics 78M05A Datasheet HTML 30Page - STMicroelectronics 78M05A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
L78M
Applications information
DocID2146 Rev 21
27/47
Figure 26: Reducing power dissipation with dropping resistor
Figure 27
: Power AM modulator (unity voltage gain, IO ≤ 0.5)
The circuit performs well up to 100 kHz.
Figure 28: Adjustable output voltage with temperature compensation
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with
the temperature. C allows a slow rise time of the VO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com