Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M05A Datasheet(PDF) 45 Page - STMicroelectronics

Part # 78M05A
Description  Precision 500 mA regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78M05A Datasheet(HTML) 45 Page - STMicroelectronics

Back Button 78M05A Datasheet HTML 39Page - STMicroelectronics 78M05A Datasheet HTML 40Page - STMicroelectronics 78M05A Datasheet HTML 41Page - STMicroelectronics 78M05A Datasheet HTML 42Page - STMicroelectronics 78M05A Datasheet HTML 43Page - STMicroelectronics 78M05A Datasheet HTML 44Page - STMicroelectronics 78M05A Datasheet HTML 45Page - STMicroelectronics 78M05A Datasheet HTML 46Page - STMicroelectronics 78M05A Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
L78M
Ordering information
DocID2146 Rev 21
45/47
9
Ordering information
Table 25: Order code
Order codes
Output
voltages
TO-220
(single gauge)
TO-220
(dual gauge)
TO-220FP
DPAK
IPAK
L78M05ABV
L78M05ABV-DG
L78M05ABDT-TR
5 V
L78M05ACDT-TR
L78M05CV
L78M05CV-DG
L78M05CP
L78M05CDT-TR
L78M05CDT-1
5 V
L78M06ABDT-TR
6 V
L78M06CDT-TR
6 V
L78M08ABDT-TR
8 V
L78M08CV
L78M08CV-DG
L78M08CDT-TR
8 V
L78M09ABDT-TR
9 V
L78M09CV
L78M09CV-DG
L78M09CDT-TR
9 V
L78M10ABDT-TR
10 V
L78M12ABDT-TR
12 V
L78M12ACDT-TR
12 V
L78M12CV
L78M12CV-DG
L78M12CDT-TR
12 V
L78M15ABV
L78M15ABV-DG
L78M15ABDT-TR
15 V
L78M15CV
L78M15CV-DG
L78M15CDT-TR
15 V
L78M24ABDT-TR
24 V
L78M24ACDT-TR
24 V
L78M24CV
L78M24CV-DG
L78M24CDT-TR
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com