Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6738A
Description  Embedded bootstrap diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6738A Datasheet HTML 9Page - STMicroelectronics L6738A Datasheet HTML 10Page - STMicroelectronics L6738A Datasheet HTML 11Page - STMicroelectronics L6738A Datasheet HTML 12Page - STMicroelectronics L6738A Datasheet HTML 13Page - STMicroelectronics L6738A Datasheet HTML 14Page - STMicroelectronics L6738A Datasheet HTML 15Page - STMicroelectronics L6738A Datasheet HTML 16Page - STMicroelectronics L6738A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
L6738A
Device description and operation
Doc ID 18134 Rev 2
13/32
4
Device description and operation
The L6738A is a single-phase PWM controller with embedded high-current drivers that
provides complete control logic and protections to realize a general DC-DC step-down
converter. Designed to drive N-channel MOSFETs in a synchronous buck topology, with its
high level of integration, this 16-pin device allows a reduction of cost and size of the power
supply solution and also provides real-time PGOOD in a compact VFQFPN16 3x3 mm.
The L6738A is designed to operate from a 5 V or 12 V supply. The output voltage can be
precisely regulated to as low as 0.8 V with ±0.5% accuracy over line and temperature
variations. The controller performs remote GND recovery to prevent losses and GND drops
to affect the regulation.
The switching frequency is internally set to 200 kHz and adjustable through the OSC pin.
The IC can be disabled by pulling the OSC pin low.
The L6738A provides a simple control loop with a voltage-mode error-amplifier. The error-
amplifier features a 15 MHz gain-bandwidth product and 8 V/µs slew rate, allowing high
regulator bandwidth for fast transient response.
To avoid load damages, the L6738A provides overcurrent protection, and overvoltage and
undervoltage protection. The overcurrent trip threshold is monitored through the inductor
DCR, assuring optimum precision, saving the use of an expensive and space-consuming
sense resistor. The output voltage is monitored through the dedicated VSEN pin.
The L6738A implements soft-start by increasing the internal reference in closed loop
regulation. The low-side-less feature allows the device to perform the soft-start over pre-
biased output avoiding high current return through the output inductor and dangerous
negative spikes at the load side.
The L6738A is available in a compact VFQFN16 3x3 mm package with exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com