Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6738A Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6738A
Description  Embedded bootstrap diode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6738A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6738A Datasheet HTML 18Page - STMicroelectronics L6738A Datasheet HTML 19Page - STMicroelectronics L6738A Datasheet HTML 20Page - STMicroelectronics L6738A Datasheet HTML 21Page - STMicroelectronics L6738A Datasheet HTML 22Page - STMicroelectronics L6738A Datasheet HTML 23Page - STMicroelectronics L6738A Datasheet HTML 24Page - STMicroelectronics L6738A Datasheet HTML 25Page - STMicroelectronics L6738A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application details
L6738A
22/32
Doc ID 18134 Rev 2
9
Application details
9.1
Compensation network
The control loop shown in Figure 9 is a voltage mode control loop. The output voltage is
regulated to the internal reference (when present, an offset resistor between FB node and
GND can be neglected in control loop calculation).
Error amplifier output is compared to the oscillator sawtooth waveform to provide a PWM
signal to the driver section. The PWM signal is then transferred to the switching node with
VIN amplitude. This waveform is filtered by the output filter.
The converter transfer function is the small signal transfer function between the output of the
EA and VOUT. This function has a double pole at frequency FLC depending on the L-COUT
resonance and a zero at FESR depending on the output capacitor ESR. The DC gain of the
modulator is simply the input voltage VIN divided by the peak-to-peak oscillator voltage
∆VOSC.
Figure 9.
PWM control loop
The compensation network closes the loop joining VOUT and EA output with transfer
function ideally equal to -Z
F/ZFB.
Compensation goal is to close to the control loop assuring high DC regulation accuracy,
good dynamic performance and stability. To achieve this, the overall loop needs high DC
gain, high bandwidth and good phase margin.
High DC gain is achieved giving an integrator shape to compensation network transfer
function. Loop bandwidth (F0dB) can be fixed choosing the right RF/RFB ratio, however, for
stability, it should not exceed FSW/2π. To achieve a good phase margin, the control loop gain
has to cross the 0dB axis with -20dB/decade slope.
For example, Figure 10 shows an asymptotic bode plot of a type III compensation.
L
R
C
OUT
ESR
R
F
C
F
C
P
R
FB
C
S
OSC
V
IN
∆V
OSC
+
+
_
_
V
OUT
V
REF
Z
F
Z
FB
PWM
COMPARATOR
ERROR
AMPLIFIER
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com