Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6902
Description  Zero load current operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902 Datasheet(HTML) 1 Page - STMicroelectronics

  L6902 Datasheet HTML 1Page - STMicroelectronics L6902 Datasheet HTML 2Page - STMicroelectronics L6902 Datasheet HTML 3Page - STMicroelectronics L6902 Datasheet HTML 4Page - STMicroelectronics L6902 Datasheet HTML 5Page - STMicroelectronics L6902 Datasheet HTML 6Page - STMicroelectronics L6902 Datasheet HTML 7Page - STMicroelectronics L6902 Datasheet HTML 8Page - STMicroelectronics L6902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2010
Doc ID 7332 Rev 9
1/11
11
L6902
Up to 1 A switching regulator with adjustable current limit
Features
■ Up to 1 A output current
■ Operating input voltage from 8 V to 36 V
■ Precise 3.3 V (±2%) reference voltage
■ 5 % output current accuracy
■ Output voltage adjustable from 1.235 V to 34 V
■ 250 kHz internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Adjustable current limit
■ Protection against feedback Disconnection
■ Thermal shutdown
Applications
■ Chargers for NiCd, NiMH batteries and
preregulator for lithium-ion batteries
■ Adjustable current generator
■ Simple step-down converters with adjustable
current limit
■ Battery equipped systems
■ Distributed power supply
■ Mobile PC and subnotebook
Description
The L6902D is a complete and simple step down
switching regulator with adjustable current limit.
Based on a voltage mode structure it integrates a
current error amplifier to have a constant voltage
and constant current control.
By means of an on board current sense resistor
and the availability of the current sense pins (both
compatible to Vcc and for Cs- compatible with
GND too) a current limit programming is very
simple and accurate (±5%). Moreover constant
current control can be used to charge NiMH and
NiCd batteries.
The device can be used as a standard DC/DC
converter with adjustable current limit (set by
using the external sense resistor).
The internal robust P-channel DMOS transistor
with a typical of 250 m
Ω assures high efficiency
and a minimum dropout even at high output
current level. The internal limiting current (latched
function) of typical value of 2.5 A protects the
device from accidental output short circuit
avoiding dangerous loads damage.
If the temperature of the chip goes higher than a
fixed internal threshold (150°C with 20°C
hysteresis), the power stage is turned off.
Other protections beside thermal shutdown
complete the device for a safe and reliable
application: overvoltage protection, frequency
folback overcurrent protection and protection vs.
feedback disconnection.
The internal fixed switching frequency of 250KHz,
and the SO-8 package pin allow to built an ultra
compact DC/ DC converter with a minimum board
space.
Table 1.
Device summary
Order codes
Package
Packaging
L6902D
SO-8
Tube
L6902D013TR
Tape and reel
SO-8
www.st.com


Similar Part No. - L6902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6902D STMICROELECTRONICS-L6902D Datasheet
89Kb / 6P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Jun-2002
L6902D STMICROELECTRONICS-L6902D Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
89Kb / 6P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Jun-2002
L6902D013TR STMICROELECTRONICS-L6902D013TR Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
L6902D STMICROELECTRONICS-L6902D_04 Datasheet
129Kb / 7P
UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT
Oct-2004
More results

Similar Description - L6902

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
Low current operation
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
Regulation to zero load
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
Regulation to zero load
logo
M/A-COM Technology Solu...
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
Zero Bias Operation
logo
STMicroelectronics
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
Zero load current operation
19-Apr-2011
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
Zero load current operation
03-Jun-2014
logo
Wall Industries,Inc.
FA12S43-250 WALL-FA12S43-250 Datasheet
180Kb / 4P
Operation to No Load
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com