Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6902
Description  Zero load current operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902 Datasheet(HTML) 4 Page - STMicroelectronics

  L6902 Datasheet HTML 1Page - STMicroelectronics L6902 Datasheet HTML 2Page - STMicroelectronics L6902 Datasheet HTML 3Page - STMicroelectronics L6902 Datasheet HTML 4Page - STMicroelectronics L6902 Datasheet HTML 5Page - STMicroelectronics L6902 Datasheet HTML 6Page - STMicroelectronics L6902 Datasheet HTML 7Page - STMicroelectronics L6902 Datasheet HTML 8Page - STMicroelectronics L6902 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maximum ratings
L6902
4/11
Doc ID 7332 Rev 9
3
Maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V8
Input voltage
40
V
V1
Output DC voltage output peak voltage at t = 0.1
μs
-1 to 40 -5 to 40
V V
I1
Maximum output current
Internally limited
V4, V5
Analog pins
4
V
V2, V3
Analog pins
-0.3V to VCC
V
Ptot
Power dissipation at Tamb ≤ 70 °C
0.7
W
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient Max.
110 (1)
1.
Package mounted on board.
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com