Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995STR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6995STR
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995STR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6995STR Datasheet HTML 16Page - STMicroelectronics L6995STR Datasheet HTML 17Page - STMicroelectronics L6995STR Datasheet HTML 18Page - STMicroelectronics L6995STR Datasheet HTML 19Page - STMicroelectronics L6995STR Datasheet HTML 20Page - STMicroelectronics L6995STR Datasheet HTML 21Page - STMicroelectronics L6995STR Datasheet HTML 22Page - STMicroelectronics L6995STR Datasheet HTML 23Page - STMicroelectronics L6995STR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
L6995S
20/26
6.11 DEMOBOARD LAYOUT
Real dimensions: 4.7 cm X 2.7 cm (1.85inch X1.063inch)
Figure 17. Top side components placement
Figure 18. Bottom side Jumpers distribution
Figure 19. Top side layout
Figure 20. Bottom side layout
Table 10. Component list
GENERAL-PURPOSE SECTION
Part name
Value
Dimension
Notes
RESISTOR
R1, R5, R9, R10
33k
0603
Pull-up resistor
R2
10k
0603
Output resistor divider
(To set output voltage)
R3
10k
0603
R4
21k
0603
Input resistor divider
(To set switching frequency)
R6
470k
0603
R7
47
0603
R8
120k
0603
Current limit resistor
CAPACITOR
C1
330pF
0603
First integrator capacitor
C2
N.M.
0603
Second integrator capacitor
C3
N.M.
0603
N.M.
C4
100nF
0603
C5
1
µFTantalum
C6
10nF
0603
C8, C12
47pF
0603
C9
22nF
0603
Softstart capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com