Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6995STR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6995STR
Description  LOSSLESS CURRENT LIMIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6995STR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6995STR Datasheet HTML 18Page - STMicroelectronics L6995STR Datasheet HTML 19Page - STMicroelectronics L6995STR Datasheet HTML 20Page - STMicroelectronics L6995STR Datasheet HTML 21Page - STMicroelectronics L6995STR Datasheet HTML 22Page - STMicroelectronics L6995STR Datasheet HTML 23Page - STMicroelectronics L6995STR Datasheet HTML 24Page - STMicroelectronics L6995STR Datasheet HTML 25Page - STMicroelectronics L6995STR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
23/26
L6995S
Figure 26. Load transient from 0 to 18A.
Figure 27. Load transient from 18A to 0A..
Figure 28. Switching Frequency Vs Output
current
Figure 29. Switching Frequency Vs Input
Voltage
Ch1-> Output current
Ch2-> Output voltage
Ch3->Phase voltage
Ch1-> Output current
Ch2-> Output voltage
Ch3->Phase voltage
0
50
100
150
200
250
300
350
5
1015
2025
Vin [ V ]
Fs w
[Khz]
PSK/P FM
PWM
0
50
100
150
200
250
300
350
0 ,0
5 ,0
10,0
15 ,0
2 0,0
25 ,0
Cu r r e n t [ A ]
Fs w
[K hz]
PFM
PW M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com