Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7212RG Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC7212RG
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 23Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 19
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VSC7214 MODE 1: RCLKEN=LOW, FLOCK=LOW, INDEP=HIGH
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to REFCLK, IDLE insertion/deletion is
enabled. The VSC7212 should be configured with RMODE(1:0)=00, FLOCK=0, and WSI=1. The WSI
connection inhibits chip-to-chip alignment, and allows IDLE insertion/deletion to occur independently in each
device.
VSC7214 MODE 2: RCLKEN=LOW, FLOCK=HIGH, INDEP=LOW
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to REFCLK, IDLE insertion/deletion is
disabled, and multiple receivers are word aligned. The VSC7212 should be configured with RMODE(1:0)=00,
FLOCK=1, and WSI connected to its own WSO or to the WSO of another VSC7212 if multiple devices are to
be used in parallel. The WSI connection allows word alignment to occur, and the FLOCK connection inhibits
IDLE insertion/deletion.
VSC7214 MODE 3: RCLKEN=LOW, FLOCK=HIGH, INDEP=HIGH
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to REFCLK, IDLE insertion/deletion is
disabled. The VSC7212 should be configured with RMODE(1:0)=00, FLOCK=1, and WSI=0. The WSI
connection inhibits chip-to-chip alignment, and the FLOCK connection inhibits IDLE insertion/deletion.
VSC7214 MODE 4: RCLKEN=HIGH, FLOCK=LOW, INDEP=LOW
This configuration does not require IDLE insertion/deletion, use Mode 6 instead.
VSC7214 MODE 5: RCLKEN=HIGH, FLOCK=LOW, INDEP=HIGH
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to RCLK/RCLKN, IDLE insertion/
deletion is enabled. The VSC7212 should be configured with RMODE(1:0)=10, FLOCK=0, and WSI=1. The
WSI connection inhibits chip-to-chip alignment, and allows IDLE insertion/deletion to occur.
VSC7214 MODE 6: RCLKEN=HIGH, FLOCK=HIGH, INDEP=LOW
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to RCLK/RCLKN, IDLE insertion/
deletion is disabled, and multiple receivers are word aligned. The VSC7212 should be configured with
RMODE(1:0)=10, FLOCK=1, and WSI connected to its own WSO. Multiple VSC7212 devices should not be
used in parallel when the outputs are synchronous to RCLK/RCLKN. The WSI connection allows word
alignment to occur, and the FLOCK connection inhibits IDLE insertion/deletion.
VSC7214 MODE 7: RCLKEN=HIGH, FLOCK=HIGH, INDEP=HIGH
Receiver R(7:0), ERR, KCH and IDLE outputs are synchronous to RCLK/RCLKN, IDLE insertion/
deletion is disabled. The VSC7212 should be configured with RMODE(1:0)=10, FLOCK=1, and WSI=0. The
WSI connection inhibits chip-to-chip alignment, and the FLOCK connection inhibits IDLE insertion/deletion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com