Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7212RG Datasheet(PDF) 32 Page - Vitesse Semiconductor Corporation

Part # VSC7212RG
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212RG Datasheet(HTML) 32 Page - Vitesse Semiconductor Corporation

Back Button VSC7212RG Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC7212RG Datasheet HTML 34Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
ESE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
Page 32
G52268-0, Rev 3.3
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Thermal Considerations
The VSC7212 is packaged in a 100-pin, 14x14x1.0mm, cavity-down, thermally-enhanced TQFP. This
package uses an industry-standard EIAJ footprint but has been enhanced to improve thermal dissipation. The
construction of the package is shown in Figure 23.
Figure 23: TQFP Package Cross Section
Table 17: Thermal Resistance
The VSC7212 is designed to operate with a case temperature up to 100oC. The user must guarantee that the
case temperature specification is not violated. With the thermal resistances shown above, the 14mm thermally-
enhanced PQFP can operate in still air ambient temperatures of 52.1oC [52.1oC = 100oC - 1.0W * 39.9]. If the
ambient air temperature exceeds these limits then some form of cooling through a heatsink or an increase in
airflow must be provided.
Moisture Sensitivity Level
This device is rated at a Moisture Sensitivity Level 3 rating with maximum floor life of 168 hours at 30ºC,
60% relative humidity. Please refer to Application Note AN-20 for appropriate handling procedures.
Symbol
Description
TQFP
Units
θ
ca
Thermal resistance from case to ambient in still air including conduction
through the leads.
39.9
oC/W
θ
ca-100
Thermal resistance from case to ambient with 100 LFM airflow
37.1
oC/W
θ
ca-200
Thermal resistance from case to ambient with 200 LFM airflow
35.3
oC/W
θ
ca-400
Thermal resistance from case to ambient with 400 LFM airflow
33.5
oC/W
θ
ca-600
Thermal resistance from case to ambient with 600 LFM airflow
31.7
oC/W
Internal Heat Spreader
Die
Plastic Molding Compound
Lead
Bond Wire
Insulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com