Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J30R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39115J30R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J30R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39115J30R Datasheet HTML 5Page - STMicroelectronics LD39115J30R Datasheet HTML 6Page - STMicroelectronics LD39115J30R Datasheet HTML 7Page - STMicroelectronics LD39115J30R Datasheet HTML 8Page - STMicroelectronics LD39115J30R Datasheet HTML 9Page - STMicroelectronics LD39115J30R Datasheet HTML 10Page - STMicroelectronics LD39115J30R Datasheet HTML 11Page - STMicroelectronics LD39115J30R Datasheet HTML 12Page - STMicroelectronics LD39115J30R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID15527 Rev 6
9/21
LD39115J
Typical performance characteristics
21
6
Typical performance characteristics
CIN = COUT = 1 µF, VEN to VIN.
Figure 4. Output voltage vs. temperature
(VOUT = 1.2 V)
Figure 5. Output voltage vs. temperature
(VOUT = 2.8 V)
Figure 6. Line regulation vs. temperature
Figure 7. Load regulation vs. temperature
Figure 8. Short-circuit current vs. drop voltage
Figure 9. Dropout voltage vs. temperature
V
IN = 2.2 V, IOUT = 1 mA
V
OUT = 1.2 V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = 2.2 V, IOUT = 1 mA
V
OUT = 1.2 V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = 3.8 V, IOUT = 1 mA
V
OUT = 2.8 V
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN = 3.8 V, IOUT = 1 mA
V
OUT = 2.8 V
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN = from 2.2 V to 5.5 V, IOUT = 1 mA
V
OUT=1.2V
0
0.01
0.02
0.03
0.04
0.05
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN = from 2.2 V to 5.5 V, IOUT = 1 mA
V
OUT=1.2V
0
0.01
0.02
0.03
0.04
0.05
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN = 2.2 V, IOUT = from 1 to 150 mA
V
OUT=1.2 V
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
IN = 2.2 V, IOUT = from 1 to 150 mA
V
OUT=1.2 V
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
C
IN = 1 µF COUT = 1 µF(+ 10 µF electrolitycs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
01234
5
6
DROP [V]
125
85
55
25
0
-25
-40
C
IN = 1 µF COUT = 1 µF(+ 10 µF electrolitycs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
01234
5
6
DROP [V]
125
85
55
25
0
-25
-40
V
OUT = 2.8 V
I
OUT = 0.1 A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 2.8 V
I
OUT = 0.1 A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com