Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39115J30R Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD39115J30R
Description  150 mA guaranteed output current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J30R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD39115J30R Datasheet HTML 13Page - STMicroelectronics LD39115J30R Datasheet HTML 14Page - STMicroelectronics LD39115J30R Datasheet HTML 15Page - STMicroelectronics LD39115J30R Datasheet HTML 16Page - STMicroelectronics LD39115J30R Datasheet HTML 17Page - STMicroelectronics LD39115J30R Datasheet HTML 18Page - STMicroelectronics LD39115J30R Datasheet HTML 19Page - STMicroelectronics LD39115J30R Datasheet HTML 20Page - STMicroelectronics LD39115J30R Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
LD39115J
20/21
DocID15527 Rev 6
10
Revision history
Table 9. Document revision history
Date
Revision
Changes
26-Mar-2009
1
Initial release.
12-Jun-2009
2
Modified: Table 1 on page 1 and Table 8 on page 19.
05-Aug-2009
3
Modified: tape and reel mechanical data on page 18.
17-May-2011
4
Modified: Table 1 on page 1 and Table 8 on page 19.
20-Dec-2011
5
Added: new order code LD39115J25R Table 1 on page 1.
16-Jan-2014
6
Part number LD39115Jxx changed to LD39115J.
Updated the Description in cover page, Section 7: Package mechanical data.
Added Section 8: Packaging mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com