Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C586B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT82C586B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C586B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT82C586B Datasheet HTML 17Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 18Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 19Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 20Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 21Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 22Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 23Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 24Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
9,$7HFKQRORJLHV,QF
VT82C586B
Revision 1.0 May 13, 1997
-15-
Register Overview
Port
DMA Page Registers
Default Acc
87
DMA Page - DMA Channel 0
RW
83
DMA Page - DMA Channel 1
RW
81
DMA Page - DMA Channel 2
RW
82
DMA Page - DMA Channel 3
RW
8F
DMA Page - DMA Channel 4
RW
8B
DMA Page - DMA Channel 5
RW
89
DMA Page - DMA Channel 6
RW
8A
DMA Page - DMA Channel 7
RW
Port
System Control Registers
Default Acc
92
System Control
RW
Port
Slave Interrupt Controller Regs
Default Acc
A0
Slave Interrupt Control
—
*
A1
Slave Interrupt Mask
—
*
A0
Slave Interrupt Control Shadow
—
RW
A1
Slave Interrupt Mask Shadow
—
RW
* RW accessible if shadow registers are disabled
Port
Slave DMA Controller Registers
Default Acc
C0
Channel 0 Base & Current Address
RW
C2
Channel 0 Base & Current Count
RW
C4
Channel 1 Base & Current Address
RW
C6
Channel 1 Base & Current Count
RW
C8
Channel 2 Base & Current Address
RW
CA
Channel 2 Base & Current Count
RW
CC
Channel 3 Base & Current Address
RW
CE
Channel 3 Base & Current Count
RW
D0
Status / Command
RW
D2
Write Request
WO
D4
Write Single Mask
WO
D6
Write Mode
WO
D8
Clear Byte Pointer FF
WO
DA
Master Clear
WO
DC
Clear Mask
WO
DE
Read / Write Mask
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com