Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82C586B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT82C586B
Description  PCI INTEGRATED PERIPHERAL CONTROLLER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT82C586B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT82C586B Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 11Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 12Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 13Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 14Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 15Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 16Page - List of Unclassifed Manufacturers VT82C586B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
9,$7HFKQRORJLHV,QF
VT82C586B
Revision 1.0 May 13, 1997
-7-
Pinouts
ISA Bus Control
Signal Name
Pin No.
I/O
Signal Description
SA[15:0] /
DD[15:0]
20-25, 27-28,
36-38, 40-44
B
System Address Bus / IDE Data Bus
SA16
19
B
System Address Bus
LA23/DCS3B#,
LA22/DCS1B#,
LA21/DCS3A#,
LA20/DCS1A#,
LA[19:17] /
DA[2:0]
63-67, 69-70
B
Multifunction Pins
ISA Bus Cycles:
Address: The LA[23:17] address lines are bi-directional. These address lines allow
accesses to physical memory on the ISA bus up to 16MBytes.
PCI IDE Cycles:
Chip Select: DCS1A# is for the ATA command register block and corresponds to
CS1FX# on the primary IDE connector. DCS3A# is for the ATA command register
block and corresponds to CS3FX# on the primary IDE connector. DCS1B# is for the
ATA command register block and corresponds to CS17X# on the primary IDE
connector. DCS3B# is for the ATA command register block and corresponds to
CS37X# on the primary IDE connector.
Disk Address: DA[2:0] are used to indicate which byte in either the ATA command
block or control block is being accessed.
SD[15:8] /
GPI[15:8] /
GPO[15:8]
86-85, 83-80,
78-77
B
System Data. SD[15:8] provide the high order byte data path for devices residing on
the ISA bus. These pins also function as General Purpose Inputs 15-8 if the
GPIO3_CFG bit is low (pin 92 becomes GPI_RE# for enabling external inputs onto
the SD pins using an external buffer). These pins also function as General Purpose
Outputs 15-8 if the GPIO4_CFG bit is low (pin 136 becomes GPO_WE for control
of an external latch).
SBHE#
62
B
System Byte High Enable. SBHE# indicates, when asserted, that a byte is being
transferred on the upper byte (SD[15:8]) of the data bus. SBHE# is negated during
refresh cycles.
IOR#
12
B
I/O Read. IOR# is the command to an ISA I/O slave device that the slave may drive
data on to the ISA data bus.
IOW#
11
B
I/O Write. IOW# is the command to an ISA I/O slave device that the slave may
latch data from the ISA data bus.
MEMR#
123
B
Memory Read. MEMR# is the command to a memory slave that it may drive data
onto the ISA data bus.
MEMW#
124
B
Memory Write. MEMW# is the command to a memory slave that it may latch data
from the ISA data bus.
SMEMR#
10
O
Standard Memory Read. SMEMR# is the command to a memory slave, under
1MB, which indicates that it may drive data onto the ISA data bus
SMEMW#
9
O
Standard Memory Write. SMEMW# is the command to a memory slave, under
1MB, which indicates that it may latch data from the ISA data bus.
BALE
35
O
Bus Address Latch Enable. BALE is an active high signal asserted by the
VT82C586B to indicate that the address (SA[19:0], LA[23:17] and the SBHE#
signal) is valid
IOCS16#
125
I
16-Bit I/O Chip Select. This signal is driven by I/O devices on the ISA Bus to
indicate that they support 16-bit I/O bus cycles.
MEMCS16#
76
I
Memory Chip Select 16. ISA slaves that are 16-bit memory devices drive this line
low to indicate they support 16-bit memory bus cycles.
IOCHCK#
5
I
I/O Channel Check. When this signal is asserted, it indicates that a parity or an
uncorrectable error has occurred for a device or memory on the ISA Bus.
IOCHRDY
8
I
I/O Channel Ready. Devices on the ISA Bus negate IOCHRDY to indicate that
additional time (wait states) is required to complete the cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com