Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK130 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LDK130
Description  Logic-controlled electronic shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK130 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LDK130 Datasheet HTML 19Page - STMicroelectronics LDK130 Datasheet HTML 20Page - STMicroelectronics LDK130 Datasheet HTML 21Page - STMicroelectronics LDK130 Datasheet HTML 22Page - STMicroelectronics LDK130 Datasheet HTML 23Page - STMicroelectronics LDK130 Datasheet HTML 24Page - STMicroelectronics LDK130 Datasheet HTML 25Page - STMicroelectronics LDK130 Datasheet HTML 26Page - STMicroelectronics LDK130 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID024210 Rev 3
25/27
LDK130
Order codes
9
Order codes
Table 11. Order codes
Packages
Output
voltages
SOT323-5L
SOT23-5L
DFN6L
LDK130C-R
LDK130M-R
LDK130PU-R
ADJ
LDK130C08R
LDK130M08R
LDK130PU08R
0.8 V
LDK130C10R
LDK130M10R
LDK130PU10R
1 V
LDK130C12R
LDK130M12R
LDK130PU12R
1.2 V
LDK130C15R
LDK130M15R
LDK130PU15R
1.5 V
LDK130C18R
LDK130M18R
LDK130PU18R
1.8 V
LDK130M25R
LDK130PU25R
2.5 V
LDK130C29R
LDK130M29R
LDK130PU29R
2.9 V
LDK130PU30R
3 V
LDK130C32R
LDK130M32R
LDK130PU32R
3.2 V
LDK130C33R
LDK130M33R
LDK130PU33R
3.3 V
Table 12. Marking
Order codes
Packages
Output voltages
Marking
LDK130MxxR
SOT23-5L
xx V
Kxx
LDK130CxxR
SOT323-5L
xx V
Kxx
LDK130PUxxR
DFN-6L
xx V
xx
LDK130M-R
SOT23-5L
Adj
KAD
LDK130C-R
SOT323-5L
Adj
KAD
LDK130PU-R
DFN-6L
Adj
AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com