Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDK130 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDK130
Description  Logic-controlled electronic shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK130 Datasheet(HTML) 1 Page - STMicroelectronics

  LDK130 Datasheet HTML 1Page - STMicroelectronics LDK130 Datasheet HTML 2Page - STMicroelectronics LDK130 Datasheet HTML 3Page - STMicroelectronics LDK130 Datasheet HTML 4Page - STMicroelectronics LDK130 Datasheet HTML 5Page - STMicroelectronics LDK130 Datasheet HTML 6Page - STMicroelectronics LDK130 Datasheet HTML 7Page - STMicroelectronics LDK130 Datasheet HTML 8Page - STMicroelectronics LDK130 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
March 2014
DocID024210 Rev 3
1/27
27
LDK130
300 mA low quiescent current very low noise LDO
Datasheet
- production data
Features
• Input voltage from 1.9 to 5.5 V
• Very low dropout voltage (100 mV typ. at 100
mA load)
• Low quiescent current (max. 120 µA, 1 µA in
OFF mode)
• Very low noise
• Output voltage tolerance: ± 2.0 % @ 25 °C
• 300 mA guaranteed output current
• Wide range of fixed output voltages available
on request: from 0.8 V to 3.5 V with 100 mV
step
• Adjustable version: from 0.8 V to VIN-Vdrop
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current and thermal limit
• Available in SOT23-5L, SOT323-5L and DFN6
(1.2 x 1.3 mm) packages
• Temperature range: -40 °C to 125 °C
Applications
• Mobile phones
• Personal digital assistants (PDAs)
• Cordless phones and similar battery-powered
systems
• Digital still cameras
Description
The LDK130 low drop voltage regulator provides
300 mA of maximum current from an input supply
voltage in the range of 1.9 V to 5.5 V, with a
typical dropout voltage of 100 mV.
It is stabilized with a ceramic capacitor on the
output.
The very low drop voltage, low quiescent current
and low noise features make it suitable for low
power battery-powered applications.
An enable logic control function puts the LDK130
in shutdown mode allowing a total current
consumption lower than 1 µA.
The device also includes a short-circuit constant
current limiting and thermal protection.
www.st.com


Similar Part No. - LDK130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120 STMICROELECTRONICS-LDK120 Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C-R STMICROELECTRONICS-LDK120C-R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120C08R STMICROELECTRONICS-LDK120C08R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
More results

Similar Description - LDK130

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1005M LINER-LT1005M Datasheet
784Kb / 12P
Logic Controlled Regulator
LT1035M LINER-LT1035M Datasheet
751Kb / 12P
Logic Controlled Regulator
LT1036M LINER-LT1036M Datasheet
577Kb / 8P
Logic Controlled Regulator?
LT1036 LINER-LT1036_03 Datasheet
200Kb / 12P
Logic Controlled Regulator
LT1036 LINER-LT1036_15 Datasheet
197Kb / 12P
Logic Controlled Regulator
LT1005C LINER-LT1005C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
LT1035C LINER-LT1035C_15 Datasheet
1Mb / 12P
LOGIC CONTROLLED REGULATOR
logo
STMicroelectronics
STEVAL-ISB037V1 STMICROELECTRONICS-STEVAL-ISB037V1 Datasheet
213Kb / 4P
Logic controlled electronic shutdown
06-Sep-2016
LD59015 STMICROELECTRONICS-LD59015 Datasheet
577Kb / 17P
Logic-controlled electronic shutdown
24-Apr-2014
LFXX STMICROELECTRONICS-LFXX Datasheet
1Mb / 54P
Logic-controlled electronic shutdown
27-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com