Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEXX Datasheet(PDF) 12 Page - STMicroelectronics

Part # LEXX
Description  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LEXX Datasheet HTML 8Page - STMicroelectronics LEXX Datasheet HTML 9Page - STMicroelectronics LEXX Datasheet HTML 10Page - STMicroelectronics LEXX Datasheet HTML 11Page - STMicroelectronics LEXX Datasheet HTML 12Page - STMicroelectronics LEXX Datasheet HTML 13Page - STMicroelectronics LEXX Datasheet HTML 14Page - STMicroelectronics LEXX Datasheet HTML 15Page - STMicroelectronics LEXX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Electrical characteristics
LEXX
12/24
DocID2573 Rev 15
Refer to test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.
Table 10: LE80C electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA
VI = 10 V
7.84
8
8.16
V
IO = 10 mA
VI = 10 V
TJ = -25 to 85 °C
7.68
8.32
VI
Operating input voltage
IO = 100 mA
18
V
IO
Output current limit
150
mA
∆VO
Line regulation
VI = 8.7 to 18 V
IO = 0.5 mA
5
35
mV
∆VO
Load regulation
VI = 9 V
IO = 0.5 to 100 mA
3
25
mV
Id
Quiescent current
VI = 9 to 18 V
IO = 0 mA
ON mode
0.7
1.6
mA
VI = 9 to 18 V
IO = 100 mA
1.7
3.6
VI = 9 V
OFF mode
70
140
µA
SVR
Supply voltage rejection
IO = 5 mA
VI = 10 ± 1 V
f = 120 Hz
72
dB
f = 1 kHz
66
f = 10 kHz
57
eN
Output noise voltage
B = 10 Hz to 100 kHz
50
µV
Vd
Dropout voltage
IO = 100 mA
0.2
0.4
V
IO = 100 mA
TJ = -40 to 125 °C
0.5
VIL
Control input logic low
TJ = -40 to 125 °C
0.8
V
VIH
Control input logic high
TJ = -40 to 125 °C
2
V
II
Control input current
VI = 9 V
VC = 6 V
10
µA
CO
Output bypass capacitance
ESR = 0.1 to 10 Ω
IO = 0 to 100 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com