Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEXX Datasheet(PDF) 23 Page - STMicroelectronics

Part # LEXX
Description  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LEXX Datasheet HTML 16Page - STMicroelectronics LEXX Datasheet HTML 17Page - STMicroelectronics LEXX Datasheet HTML 18Page - STMicroelectronics LEXX Datasheet HTML 19Page - STMicroelectronics LEXX Datasheet HTML 20Page - STMicroelectronics LEXX Datasheet HTML 21Page - STMicroelectronics LEXX Datasheet HTML 22Page - STMicroelectronics LEXX Datasheet HTML 23Page - STMicroelectronics LEXX Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LEXX
Revision history
DocID2573 Rev 15
23/24
7
Revision history
Table 15: Document revision history
Date
Revision
Changes
09-Jul-2004
6
IO typ. and max. are changed in tab. 24 and 25 - pag. 14.
16-Mar-2005
7
Add Tape & Reel for TO-92 - Note on Table 3.
12-Feb-2007
8
Change value TOP on Table 2.
26-Jul-2007
9
Add Table 1 in cover page.
29-Nov-2007
10
Modified: Table 25.
12-Feb-2008
11
Modified: Table 25.
10-Jul-2008
12
Modified: Table 1 and Table 25.
22-May-2012
13
Updated: Table 1 on page 1. Changed: TA in TJ test conditions from table
4 to table 10.
14-Mar-2014
14
Changed the part numbers LExxAB and LExxC to LEXX. Updated the
title. Added the ammopack package to the figure in cover page. Updated
the Table 1: Device summary. Updated the Description. Updated Figure
3. Changed the title of Figure 6. Updated mechanical data.
03-May-2017
15
Updated Table 1: "Device summary" and Section 6: "Package
information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com