Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S41 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Functional description
ST1S41
14/27
DocID023654 Rev 2
The current foldback is disabled during the startup to allow the Vout to start up properly in
case of a big output capacitor requiring high extra current to be charged.
A further mechanism is protecting the device in case of short-circuit on the output and high
input voltage. A further threshold (OCP2, 1 A higher than OCP1) is compared to the inductor
current. If the inductor current exceeds OCP2, the device stops switching and it restarts with
a soft-start cycle.
5.4
Enable function
The enable feature allows the device to be put into standby mode. With the EN pin lower
than 0.4 V, the device is disabled and the power consumption is reduced to less than 15 uA.
With the EN pin higher than 1.2 V, the device is enabled. If the EN pin is left floating, an
internal pull-down ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VIN compatible.
5.5
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150 °C. Once the junction temperature goes back to about 130 °C,
the device restarts in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com