Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S41 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S41 Datasheet HTML 1Page - STMicroelectronics ST1S41 Datasheet HTML 2Page - STMicroelectronics ST1S41 Datasheet HTML 3Page - STMicroelectronics ST1S41 Datasheet HTML 4Page - STMicroelectronics ST1S41 Datasheet HTML 5Page - STMicroelectronics ST1S41 Datasheet HTML 6Page - STMicroelectronics ST1S41 Datasheet HTML 7Page - STMicroelectronics ST1S41 Datasheet HTML 8Page - STMicroelectronics ST1S41 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
April 2013
DocID023654 Rev 2
1/27
27
ST1S41
4 A step-down switching regulator
Datasheet
- production data
Features
• 4 A output current
• 4.0 V to 18 V input voltage
• Output voltage adjustable from 0.8 V
• 850 kHz switching frequency
• Internal soft-start
• Integrated 95 mΩ and 69 mΩ power
MOSFETs
• All ceramic capacitor
• Enable
• Cycle-by-cycle current limiting
• Current foldback short-circuit protection
• VFQFPN 4x4-8L and HSOP-8 packages
Applications
•μP/ASIC/DSP/FPGA core and I/O supplies
• Point of load for: STB, TVs, DVD
• Optical storage, hard disk drive, printers,
audio/graphic cards
Description
The ST1S41 is an internally compensated 850
kHz fixed-frequency PWM synchronous step-
down regulator. The ST1S41 operates from 4.0 V
to 18 V input, while it regulates an output voltage
as low as 0.8 V and up to VIN.
The ST1S41 integrates 95 m
Ω high-side switch
and 69 m
Ω synchronous rectifier allowing very
high efficiency with very low output voltages.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
The ST1S41 is available in VFQFPN 4 mm x 4
mm 8-lead package and HSOP-8.
Figure 1. Application circuit
VFQFPN8 4x4
HSOP8
VINSW
SW
FB
PGND
EN
ST1S41
Cin_sw
Cout
L
R1
R2
VINA
Cin_a
VOUT
VIN
ePAD/GND
1
4
8
2
3
6
7
9
AM15058v1
www.st.com


Similar Part No. - ST1S41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results

Similar Description - ST1S41

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
KR Electronics, Inc.
2994 KR-2994 Datasheet
48Kb / 3P
250 KHz Center Frequency
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
STMicroelectronics
STEVAL-ILL078V1 STMICROELECTRONICS-STEVAL-ILL078V1 Datasheet
248Kb / 4P
500 kHz switching frequency
01-Oct-2015
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA108V1 STMICROELECTRONICS-STEVAL-ISA108V1 Datasheet
141Kb / 4P
850 kHz switching frequency
February 2013 Rev 1
logo
Bel Fuse Inc.
0REB-C2T12 BEL-0REB-C2T12 Datasheet
949Kb / 19P
Fixed Frequency (400 kHz)
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
Fixed Frequency (300 KHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com