Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL078V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL078V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL078V1
Download  STEVAL-ILL078V1 Download
File Size   248.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 kHz switching frequency

STEVAL-ILL078V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL078V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL078V1
Download  STEVAL-ILL078V1 Click to download

File Size   248.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 500 kHz switching frequency

STEVAL-ILL078V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL078V1 Product details

Description
The STEVAL-ILL078V1 product evaluation board is based on the LED6000 monolithic current source for high power LED driving. Digital dimming is implemented by driving the dedicated DIM pin. Low drop-out operation with almost 100% duty cycle can be achieved. The LED6000 is a 61 V asynchronous switching regulator with embedded power MOSFET, designed to source up to 3 A of DC current depending on the application conditions. The 250 mV typical RSENSE voltage drop, the embedded switch-over feature on the VBIAS pin and light load management (pulse skipping) are intended to maximize power conversion efficiency across the entire load range. The current limit threshold and the switching frequency are adjustable for application optimization. The device includes an internal 250 kHz oscillator that can be externally adjusted up to 1.5 MHz. The size of the overall application is minimized thanks to its high switching frequency and compatibility with ceramic output capacitors. Two LED6000 regulators can be synchronized in a 180° out-of-phase configuration for reduced total input RMS current.




Similar Part No. - STEVAL-ILL078V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
Periodic self-tuning possible
25-Mar-2015
STEVAL-ILL072V1 STMICROELECTRONICS-STEVAL-ILL072V1 Datasheet
246Kb / 4P
All automotive grade components
12-Jun-2015
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
Complete hardware and software package
14-Jan-2016
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
More results


Similar Description - STEVAL-ILL078V1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1094 NEC-UPC1094 Datasheet
569Kb / 8P
SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
UPC1099 NEC-UPC1099 Datasheet
356Kb / 12P
SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
UPC1905 NEC-UPC1905 Datasheet
850Kb / 12P
SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
National Semiconductor ...
LM3414HV NSC-LM3414HV Datasheet
2Mb / 12P
1A 65V LED Driver Evaluation Board Switching frequency: 500 kHz
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
KR Electronics, Inc.
3137 KR-3137 Datasheet
96Kb / 3P
500 KHz Notch Frequency
logo
STMicroelectronics
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA108V1 STMICROELECTRONICS-STEVAL-ISA108V1 Datasheet
141Kb / 4P
850 kHz switching frequency
February 2013 Rev 1
ST1S41 STMICROELECTRONICS-ST1S41 Datasheet
1Mb / 27P
850 kHz switching frequency
24-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com