Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA108V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA108V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA108V1
Download  STEVAL-ISA108V1 Download
File Size   141.95 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 850 kHz switching frequency

STEVAL-ISA108V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA108V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA108V1
Download  STEVAL-ISA108V1 Click to download

File Size   141.95 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 850 kHz switching frequency

STEVAL-ISA108V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA108V1 Product details

Description
Based on the ST1S41 step-down switching regulator, the STEVAL-ISA108V1 demonstration board is an internally-compensated 850 kHz fixed-frequency PWM synchronous step-down converter. The ST1S41 operates from 4.0 V to 18 V input, while it regulates an output voltage as low as 0.8 V and up to VIN (100% duty cycle). The ST1S41 integrates a 95 mΩ high side switch and 69 mΩ low side synchronous rectifier, resulting in very high efficiency with very low output voltages. The peak current mode control with internal compensation offers a compact solution with a minimum component count.

Features
■ 4 to 18 V input voltage
■ Output voltage adjustable from 0.8 V
■ 850 kHz switching frequency
■ Internal soft-start
■ Integrated 95 mΩ and 69 mΩ power MOSFETs
■ All ceramic capacitor
■ Enable function
■ Cycle-by-cycle current limiting
■ Current fold-back short-circuit protection
■ RoHS compliant




Similar Part No. - STEVAL-ISA108V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
More results


Similar Description - STEVAL-ISA108V1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
KR Electronics, Inc.
2994 KR-2994 Datasheet
48Kb / 3P
250 KHz Center Frequency
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
STMicroelectronics
STEVAL-ILL078V1 STMICROELECTRONICS-STEVAL-ILL078V1 Datasheet
248Kb / 4P
500 kHz switching frequency
01-Oct-2015
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
ST1S41 STMICROELECTRONICS-ST1S41 Datasheet
1Mb / 27P
850 kHz switching frequency
24-Apr-2013
logo
Bel Fuse Inc.
0REB-C2T12 BEL-0REB-C2T12 Datasheet
949Kb / 19P
Fixed Frequency (400 kHz)
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
Fixed Frequency (300 KHz)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com