Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50A-22-E Datasheet (PDF) - STMicroelectronics

VIPER50A-22-E Datasheet PDF - STMicroelectronics
Part # VIPER50A-22-E
Download  VIPER50A-22-E Download
File Size   353.27 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz

VIPER50A-22-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER50A-22-E Datasheet PDF - STMicroelectronics

Part # VIPER50A-22-E
Download  VIPER50A-22-E Click to download

File Size   353.27 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz

VIPER50A-22-E Datasheet (HTML) - STMicroelectronics


VIPER50A-22-E Product details

Description
VIPer50A-E/ASP-E, made using VIPower M0 Technology, combines on the same silicon chip a state-of-the-art PWM circuit together with an optimized, high voltage, Vertical Power MOSFET (700V/ 1.5A).
Typical applications cover offline power supplies with a secondary power capability of 25W in wide range condition and 50W in single range or with doubler configuration. It is compatible from both primary or secondary regulation loop despite using around 50% less components when compared with a discrete solution. Burst mode operation is an additional feature of this device, offering the ability to operate in stand-by mode without extra components.

General Features
■ ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
■ CURRENT MODE CONTROL
■ SOFT START AND SHUTDOWN CONTROL
■ AUTOMATIC BURST MODE OPERATION IN
   STAND-BY CONDITION ABLE TO MEET
   “BLUE ANGEL” NORM (<1w TOTAL POWER CONSUMPTION)
■ INTERNALLY TRIMMED ZENER REFERENCE
■ UNDERVOLTAGE LOCK-OUT WITH HYSTERESIS
■ INTEGRATED START-UP SUPPLY
■ OVER-TEMPERATURE PROTECTION
■ LOW STAND-BY CURRENT
■ ADJUSTABLE CURRENT LIMITATION




Similar Part No. - VIPER50A-22-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
More results


Similar Description - VIPER50A-22-E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
IXYS Corporation
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
IGBT Optimized for switching up to 35 KHz
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
STMicroelectronics
STEVAL-ILL078V1 STMICROELECTRONICS-STEVAL-ILL078V1 Datasheet
248Kb / 4P
500 kHz switching frequency
01-Oct-2015
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA108V1 STMICROELECTRONICS-STEVAL-ISA108V1 Datasheet
141Kb / 4P
850 kHz switching frequency
February 2013 Rev 1
ST1S41 STMICROELECTRONICS-ST1S41 Datasheet
1Mb / 27P
850 kHz switching frequency
24-Apr-2013
logo
KR Electronics, Inc.
3287-BNC KR-3287-BNC Datasheet
89Kb / 3P
200 KHz Center Frequency
logo
IXYS Corporation
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
Optimized for Switching up to 5 kHz
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com